Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82-18-6011 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 82-18-6011
Description  3.96mm (.156") Pitch Round Conductor Flat Cable - 18 AWG (7 x 26) Stranded, Tinned, 11 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

82-18-6011 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  82-18-6011 Datasheet HTML 1Page - Molex Electronics Ltd. 82-18-6011 Datasheet HTML 2Page - Molex Electronics Ltd. 82-18-6011 Datasheet HTML 3Page - Molex Electronics Ltd. 82-18-6011 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 03/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0082186011
Status:
Active
Description:
3.96mm (.156") Pitch Round Conductor Flat Cable - 18 AWG (7 x 26) Stranded,
Tinned, 11 Circuits, Reel 30.48m (100.0' ) Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR61126
UL
E61522
General
Product Family
Cable
Series
40174
Crimp Quality Equipment
Yes
Geographic Area
Asia
Product Name
Ribbon
Physical
Cable Length
30.48m (100.0' )
Circuits (Loaded)
11
Flammability
VW-1
Insulation
PVC
Packaging Type
Reel
Pitch - Term. Interface (in)
0.156 In
Pitch - Term. Interface (mm)
3.96 mm
Temperature Range - Operating
-20°C to +105°C
Wire Size AWG
18
Wire/Cable Type
(7x26) Stranded, Tinned
Electrical
Current - Maximum per Contact
N/A
Voltage - Maximum
300V
Material Info
Old Part Number
40174-11-100B
Reference - Drawing Numbers
Sales Drawing
SD-40174-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
40174Series
Use With
7674 KK® IDT Trifurcon Contact. 7675 KK®
IDT Double Cantilever Contact
This document was generated on 03/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 82-18-6011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
82-18-6010 MOLEX3-82-18-6010 Datasheet
210Kb / 4P
   3.96mm (.156") Pitch Round Conductor Flat Cable
82-18-6012 MOLEX3-82-18-6012 Datasheet
210Kb / 4P
   3.96mm (.156") Pitch Round Conductor Flat Cable - 18 AWG (7 x 26) Stranded, Tinned, 12 Circuits
82-18-6013 MOLEX3-82-18-6013 Datasheet
210Kb / 4P
   3.96mm (.156") Pitch Round Conductor Flat Cable
82-18-6014 MOLEX3-82-18-6014 Datasheet
210Kb / 4P
   3.96mm (.156") Pitch Round Conductor Flat Cable
82-18-6015 MOLEX3-82-18-6015 Datasheet
210Kb / 4P
   3.96mm (.156") Pitch Round Conductor Flat Cable - 18 AWG (7 x 26) Stranded, Tinned, 15 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com