Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0022286023 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0022286023
Description  2.54mm (.100") Pitch KK Header, Breakaway, Right Angle, 2 Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022286023 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0022286023 Datasheet HTML 1Page - Molex Electronics Ltd. 0022286023 Datasheet HTML 2Page - Molex Electronics Ltd. 0022286023 Datasheet HTML 3Page - Molex Electronics Ltd. 0022286023 Datasheet HTML 4Page - Molex Electronics Ltd. 0022286023 Datasheet HTML 5Page - Molex Electronics Ltd. 0022286023 Datasheet HTML 6Page - Molex Electronics Ltd. 0022286023 Datasheet HTML 7Page - Molex Electronics Ltd. 0022286023 Datasheet HTML 8Page - Molex Electronics Ltd. 0022286023 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This document was generated on 03/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0022286023
Status:
Active
Description:
2.54mm (.100") Pitch KK® Header, Breakaway, Right Angle, 2 Circuits, 0.38µm (15µ")
Gold (Au) Selective Plating, Mating Pin Length 10.29mm (.405")
Documents:
3D Model
Product Specification PS-10-07 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
42376
Application
Board-to-Board, Wire-to-Board
Product Name
KK®
Physical
Breakaway
Yes
Circuits (Loaded)
2
Circuits (maximum)
2
Color - Resin
Black
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.120 In
PC Tail Length (mm)
3.05 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.375
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
0°C to +75°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
4A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42376Series
Mates With
2695 , 6471 , 7880 , 4455 , 7720 , 70430
, 7859 , L ink:90148, 90147 , 70400a ,
70066a , 40556


Similar Part No. - 0022286023

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022286020 MOLEX3-0022286020 Datasheet
310Kb / 12P
   2.54mm (.100") Pitch KK Header, Breakaway, Right Angle, 2 Circuits, Tin (Sn) Plating
0022286021 MOLEX3-0022286021 Datasheet
310Kb / 12P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle, 2 Circuits, Tin (Sn) Plating, Mating Pin Length 10.29mm (.405")
0022286022 MOLEX3-0022286022 Datasheet
310Kb / 12P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle, 2 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 9.17mm (.361")
0022286024 MOLEX3-0022286024 Datasheet
310Kb / 12P
   2.54mm (.100") Pitch KK Header, Breakaway, Right Angle, 2 Circuits
0022286025 MOLEX3-0022286025 Datasheet
310Kb / 12P
   2.54mm (.100") Pitch KK Header, Breakaway, Right Angle, 2 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com