Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22-28-5362 Datasheet(PDF) 11 Page - Molex Electronics Ltd.

Part # 22-28-5362
Description  2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

22-28-5362 Datasheet(HTML) 11 Page - Molex Electronics Ltd.

Back Button 22-28-5362 Datasheet HTML 7Page - Molex Electronics Ltd. 22-28-5362 Datasheet HTML 8Page - Molex Electronics Ltd. 22-28-5362 Datasheet HTML 9Page - Molex Electronics Ltd. 22-28-5362 Datasheet HTML 10Page - Molex Electronics Ltd. 22-28-5362 Datasheet HTML 11Page - Molex Electronics Ltd. 22-28-5362 Datasheet HTML 12Page - Molex Electronics Ltd. 22-28-5362 Datasheet HTML 13Page - Molex Electronics Ltd. 22-28-5362 Datasheet HTML 14Page - Molex Electronics Ltd. 22-28-5362 Datasheet HTML 15Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
42375
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1249
T15
DATE:
12/2/2008
TITLE:
KK 100 HEADER ASSY
FLAT VERTICAL
BREAKAWAY
- 9 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42375-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: A-42375-0492/0526
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-AYB228
PIN LENGTH: L
.545 / 13.84
MATING LENGTH: M
.320 / 8.13
GOLD POINT: G
.140 / 3.56
PC TAIL LENGTH: P
.135 / 3.43
TIN: T
.135 / 3.43
CKTS:
2-36
KINKS:
SMES-42003
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-5027 A-42375-0492
20
22-28-5207 A-42375-0510
03
22-28-5037 A-42375-0493
21
22-28-5217 A-42375-0511
04
22-28-5047 A-42375-0494
22
22-28-5227 A-42375-0512
05
22-28-5057 A-42375-0495
23
22-28-5237 A-42375-0513
06
22-28-5067 A-42375-0496
24
22-28-5247 A-42375-0514
07
22-28-5077 A-42375-0497
25
22-28-5257 A-42375-0515
08
22-28-5087 A-42375-0498
26
22-28-5267 A-42375-0516
09
22-28-5097 A-42375-0499
27
22-28-5277 A-42375-0517
10
22-28-5107 A-42375-0500
28
22-28-5287 A-42375-0518
11
22-28-5117 A-42375-0501
29
22-28-5297 A-42375-0519
12
22-28-5127 A-42375-0502
30
22-28-5307 A-42375-0520
13
22-28-5137 A-42375-0503
31
22-28-5317 A-42375-0521
14
22-28-5147 A-42375-0504
32
22-28-5327 A-42375-0522
15
22-28-5157 A-42375-0505
33
22-28-5337 A-42375-0523
16
22-28-5167 A-42375-0506
34
22-28-5347 A-42375-0524
17
22-28-5177 A-42375-0507
35
22-28-5357 A-42375-0525
18
22-28-5187 A-42375-0508
36
22-28-5367 A-42375-0526
19
22-28-5197 A-42375-0509
ENG. NO: A-42375-0527/0561
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-ARA154
PIN LENGTH: L
.520 / 13.21
MATING LENGTH: M
.295 / 7.49
GOLD POINT: G
N/A
PC TAIL LENGTH: P
.135 / 3.43
TIN: T
OVERALL
CKTS:
2-36
KINKS:
SMES-42003
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-5022 A-42375-0527
20
22-28-5202 A-42375-0545
03
22-28-5032 A-42375-0528
21
22-28-5212 A-42375-0546
04
22-28-5042 A-42375-0529
22
22-28-5222 A-42375-0547
05
22-28-5052 A-42375-0530
23
22-28-5232 A-42375-0548
06
22-28-5062 A-42375-0531
24
22-28-5242 A-42375-0549
07
22-28-5072 A-42375-0532
25
22-28-5252 A-42375-0550
08
22-28-5082 A-42375-0533
26
22-28-5262 A-42375-0551
09
22-28-5092 A-42375-0534
27
22-28-5272 A-42375-0552
10
22-28-5102 A-42375-0535
28
22-28-5282 A-42375-0553
11
22-28-5112 A-42375-0536
29
22-28-5292 A-42375-0554
12
22-28-5122 A-42375-0537
30
22-28-5302 A-42375-0555
13
22-28-5132 A-42375-0538
31
22-28-5312 A-42375-0556
14
22-28-5142 A-42375-0539
32
22-28-5322 A-42375-0557
15
22-28-5152 A-42375-0540
33
22-28-5332 A-42375-0558
16
22-28-5162 A-42375-0541
34
22-28-5342 A-42375-0559
17
22-28-5172 A-42375-0542
35
22-28-5352 A-42375-0560
18
22-28-5182 A-42375-0543
36
22-28-5362 A-42375-0561
19
22-28-5192 A-42375-0544


Similar Part No. - 22-28-5362

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-5360 MOLEX2-22-28-5360 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm (.240), with Kinked PC Tails
22-28-5361 MOLEX3-22-28-5361 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, Tin (Sn) Plating, Mating Pin Length 8.13mm (.320"), with Kinked PC Tails
22-28-5363 MOLEX3-22-28-5363 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240"), with Kinked PC Tails
22-28-5364 MOLEX3-22-28-5364 Datasheet
526Kb / 5P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Mating Pin Length 8.13mm (.320), with Kinked PC Tails
22-28-5365 MOLEX3-22-28-5365 Datasheet
526Kb / 36P
   2.54mm (.100") Pitch KK Header, Breakaway, Vertical, 36 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com