Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCM2122R Datasheet(PDF) 10 Page - Rohm

Part # RCM2122R
Description  16 character 횞 1 line COG module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RCM2122R Datasheet(HTML) 10 Page - Rohm

Back Button RCM2122R Datasheet HTML 2Page - Rohm RCM2122R Datasheet HTML 3Page - Rohm RCM2122R Datasheet HTML 4Page - Rohm RCM2122R Datasheet HTML 5Page - Rohm RCM2122R Datasheet HTML 6Page - Rohm RCM2122R Datasheet HTML 7Page - Rohm RCM2122R Datasheet HTML 8Page - Rohm RCM2122R Datasheet HTML 9Page - Rohm RCM2122R Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
RCM2122R
Liquid Crystal Displays
!
!
!
!Operation note
(1) Handling precautions
• Protect LCDs from strong shocks as these can cause damage of defective operation.
• The polarization plate on the surface of the LCD is soft and can be easily scratched. Wipe away dirt dust lightly with
a soft cloth soaked in an alcohol-based cleanser.
• If the liquid crystal panel is damaged and the liquid crystal contacts your hands or clothing wash with soap and
copious
quantities of water immediately.
• If the unit is to be use for long periods under direct sunlight, use a filter to cut ultraviolet.
•Do not store in areas of high temperature or high humidity. Do not store the unit where it will be exposed to strong
sunlight or fluorescent light.
•Using under high temperature or high humidity may cause damages on the polarization plate.
(2) Operating precautions
• Do not connect or disconnect the module while the module is in a powered up state.
• Send the input signal only after the module has been powered up.
Removing or connecting the LCD driver power supply, when the unit is in the ON state, can cause damage to the
LCD.
(3) Work precautions
• Use an grounded soldering iron.
• Complete soldering within 3 sec per 1 pin with 280°C±10°C soldering heat.
• Do not apply any physical stress on leads.
• Protect the polarization plate and the side of grass from flux or melted solders in soldering work.
• Do not apply more than 100g weight on the surface and at the corners of LCD.
(4)Installation precautions
• Placing protection covers on the panel surface is strongly recommended for protection of the polarization plate.
• Do not apply strong shocks on over-coating resin over the IC when installed to the set.
(5)Precautions for COG module
• Do not let light in the IC. The light many cause malfunction.
The light protection film attached on LCD can not prevent malfunction perfectly.
Light shielding is also necessary on your application.
• A protective film is pasted over the front and back of the module to protect the panel surfaces during shipping and
installation.
When this film is peeled off, if may hold static electricity.
Peel the film off very slowly using an iron blower or other deionizing tool.
• Special protections from static electricity are not applied to the module. Protect static electricity by your application.


Similar Part No. - RCM2122R

ManufacturerPart #DatasheetDescription
logo
Digi International Inc.
RCM2000 DIGI-RCM2000 Datasheet
910Kb / 80P
   RabbitCore RCM2000 C-Programmable Module User’s Manual
2001-2009
logo
Schneider Electric
RCM200SL SCHNEIDER-RCM200SL Datasheet
109Kb / 2P
   LEVER BY-PASS METER-MAIN 200A
logo
Digi International Inc.
RCM2010 DIGI-RCM2010 Datasheet
910Kb / 80P
   RabbitCore RCM2000 C-Programmable Module User’s Manual
2001-2009
RCM2020 DIGI-RCM2020 Datasheet
910Kb / 80P
   RabbitCore RCM2000 C-Programmable Module User’s Manual
2001-2009
logo
Rohm
RCM2072R ROHM-RCM2072R Datasheet
177Kb / 9P
   20 characters X 2 lines COG module
More results

Similar Description - RCM2122R

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM16116H-7 HANTRONIX-HDM16116H-7 Datasheet
31Kb / 1P
   16 Character x 1 Line Large Character
logo
Micro Electronics
CCM1610 MICRO-ELECTRONICS-CCM1610 Datasheet
88Kb / 8P
   16 x 1 line Character
logo
Hantronix,Inc
HDM16116L-7 HANTRONIX-HDM16116L-7 Datasheet
28Kb / 1P
   16 Character x 1 Line Large Character, LED Backlight
HDM16116L-H HANTRONIX-HDM16116L-H Datasheet
29Kb / 1P
   16 Character x 1 Line LED Backlight
HDM16116L HANTRONIX-HDM16116L Datasheet
28Kb / 1P
   16 Character x 1 Line LED Backlight
HDM16116L-L HANTRONIX-HDM16116L-L Datasheet
27Kb / 1P
   16 Character x 1 Line Very Large Character LED Backlight
logo
List of Unclassifed Man...
WH1601A ETC-WH1601A Datasheet
648Kb / 1P
   LCD MODULE MANUFACTURE 16 X 1 CHARACTER
logo
Hantronix,Inc
HDM16116H-2-S01S HANTRONIX-HDM16116H-2-S01S Datasheet
27Kb / 2P
   16 Character x 1 Line, Connector on Top
HDM16116H-L HANTRONIX-HDM16116H-L Datasheet
25Kb / 1P
   16 Character x 1 Line Very Large Characters
logo
List of Unclassifed Man...
AND671GST ETC2-AND671GST Datasheet
40Kb / 2P
   1 Line x 16 Characters Intelligent Character Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com