Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22-43-8121 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 22-43-8121
Description  2.50mm (.098") Pitch SPOX Header, Shrouded, In-line Footprint, 12 Circuits, Red
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

22-43-8121 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  22-43-8121 Datasheet HTML 1Page - Molex Electronics Ltd. 22-43-8121 Datasheet HTML 2Page - Molex Electronics Ltd. 22-43-8121 Datasheet HTML 3Page - Molex Electronics Ltd. 22-43-8121 Datasheet HTML 4Page - Molex Electronics Ltd. 22-43-8121 Datasheet HTML 5Page - Molex Electronics Ltd. 22-43-8121 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC NO:
UCP2007-1449
Q1
DATE:
12/19/2006
TITLE:
2.5 MM HEADER ASSEMBLY
- 3 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-42267-*
ELHAG
LSCHMIDT
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-42267-ND-*
A-42267-NE-*
A-42267-NF-*
HOUSING
42249-NR
HOUSING
42249-NC
HOUSING
42249-ND
COLOR
RED
COLOR
ORANGE
COLOR
YELLOW
PIN NO
45613-0006
PIN NO
45613-0006
PIN NO
45613-0006
PLATING
154
PLATING
154
PLATING
154
Ckt
Material No
Engineering No
Void Ckts
Ckt
Material No
Engineering No
Void Ckts
Ckt
Material No
Engineering No
Void Ckts
2
22-43-8021
A-42267-2D
2
22-43-8025
A-42267-2E
2
22-43-8024
A-42267-2F
3
22-43-8031
A-42267-3D
3
22-43-8035
A-42267-3E
3
22-43-8034
A-42267-3F
4
22-43-8041
A-42267-4D
4
22-43-8045
A-42267-4E
4
22-43-8044
A-42267-4F
5
22-43-8051
A-42267-5D
5
22-43-8055
A-42267-5E
5
22-43-8054
A-42267-5F
6
22-43-8061
A-42267-6D
6
22-43-8065
A-42267-6E
6
22-43-8064
A-42267-6F
7
22-43-8071
A-42267-7D
7
22-43-8075
A-42267-7E
7
A-42267-7F
8
22-43-8081
A-42267-8D
8
22-43-8085
A-42267-8E
8
A-42267-8F
9
22-43-8091
A-42267-9D
9
22-43-8095
A-42267-9E
9
A-42267-9F
10
22-43-8101
A-42267-10D
10
22-43-8105
A-42267-10E
10
22-43-8104
A-42267-10F
11
22-43-8111
A-42267-11D
11
22-43-8115
A-42267-11E
11
A-42267-11F
12
22-43-8121
A-42267-12D
12
22-43-8125
A-42267-12E
12
A-42267-12F
13
22-43-8131
A-42267-13D
13
22-43-8135
A-42267-13E
13
A-42267-13F
14
22-43-8141
A-42267-14D
14
22-43-8145
A-42267-14E
14
A-42267-14F
15
22-43-8151
A-42267-15D
15
22-43-8155
A-42267-15E
15
A-42267-15F


Similar Part No. - 22-43-8121

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-43-8120 MOLEX3-22-43-8120 Datasheet
123Kb / 6P
   2.50mm (.098") Pitch SPOX Header, Shrouded, In-line Footprint, 12 Circuits, White
22-43-8120 MOLEX11-22-43-8120 Datasheet
35Kb / 2P
   2.50mm Pitch SPOX??Header, Shrouded, In-line Footprint, 12 Circuits, White
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com