Electronic Components Datasheet Search |
|
A-7720-WA02F501B Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
A-7720-WA02F501B Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 20 page This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0022456021 Status: Active Overview: kk Description: 2.54mm (.100") KK® IDT Double Cantilever Contact, 2 Circuits, Gold (Au), Feed- Through, 22 AWG Wire Documents: 3D Model Product Specification PS-7720-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification UL E29179 General Product Family IDT and Solder Connectors Series 7720 Comments Double Cantilever contact Crimp Quality Equipment Yes Overview kk Product Name KK® Physical Circuits (Loaded) 2 Color - Resin Natural Durability (mating cycles max) 5 Flammability 94V-2 Gender Female Glow-Wire Compliant No Lock to Mating Part None Material - Metal Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Gold Material - Resin Nylon Number of Rows 1 Packaging Type Bag Panel Mount No Pitch - Mating Interface (in) 0.100 In Pitch - Mating Interface (mm) 2.54 mm Polarized to Mating Part Yes Temperature Range - Operating 0°C to +75°C Termination Interface: Style IDT or Pierce Wire Insulation Diameter 1.52mm (.060") max. Wire Size AWG 22, 24, 26, 28 Electrical Current - Maximum per Contact 4A Voltage - Maximum 250V Material Info Old Part Number A-7720-WA02F501B Reference - Drawing Numbers Packaging Specification PK-7720-001 Product Specification PS-7720-001 Sales Drawing SD-7720-001 Series image - Reference only EU RoHS China RoHS Compliance Status Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 7720Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Insertion Tool for 2.54mm (.100") Pitch KK® IDT Crimp Terminals 0638133504 IDT - Manual Press 0011200179 IDT - Semi-automatic - Bench-Top Terminator 0011200412 IDT - Semi-automatic - Bench-Top Terminator 0011200771 |
Similar Part No. - A-7720-WA02F501B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |