Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0038001443 Datasheet(PDF) 11 Page - Molex Electronics Ltd.

Part # 0038001443
Description  2.54mm (.100") Pitch KK PC Board Connector, Top Entry, 23 Circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0038001443 Datasheet(HTML) 11 Page - Molex Electronics Ltd.

Back Button 0038001443 Datasheet HTML 7Page - Molex Electronics Ltd. 0038001443 Datasheet HTML 8Page - Molex Electronics Ltd. 0038001443 Datasheet HTML 9Page - Molex Electronics Ltd. 0038001443 Datasheet HTML 10Page - Molex Electronics Ltd. 0038001443 Datasheet HTML 11Page - Molex Electronics Ltd. 0038001443 Datasheet HTML 12Page - Molex Electronics Ltd. 0038001443 Datasheet HTML 13Page - Molex Electronics Ltd. 0038001443 Datasheet HTML 14Page - Molex Electronics Ltd. 0038001443 Datasheet HTML 15Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
KK 100 PCB ASSY 2-25 CKT
4455 SERIES
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-2172
D7
DATE:
4/15/2010
TITLE:
KK 100 PCB ASSY
4455 SERIES DWG
- 9 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-4455
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Assy Proc:
BOTTOM ENTRY
Assy Proc:
BOTTOM ENTRY
Assy Proc:
BOTTOM ENTRY
Assy Proc:
BOTTOM ENTRY
Hooks Cut:
NO
Hooks Cut:
NO
Hooks Cut:
NO
Hooks Cut:
NO
Housing No:
4455-N2
Housing No:
4455-N2
Housing No:
4455-N2
Housing No:
4455-N2
Terminal No:
4316-3B(228)
Terminal No:
4316-3B(231)
Terminal No:
4316-3B(228)
Terminal No:
6516-3B(228)
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Plating:
228
Plating:
231
Plating:
228
Plating:
228
Packaging:
PK-44646-001
Packaging:
PK-44646-001
Packaging:
PK-44646-001
Packaging:
PK-44646-001
Voids:
NO
Voids:
NO
Voids:
NO
Voids:
NO
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
22-17-2024
A-4455-BH02D(228)
A-4455-BH02D(231)
A-4455-BH02D(228)
22-17-2027
A-4455-BH02J(228)
3
22-17-2034
A-4455-BH03D(228)
A-4455-BH 03 D(231)
A-4455-BH03D(228)
22-17-2037
A-4455-BH03J(228)
4
22-17-2044
A-4455-BH04D(228)
A-4455-BH 04 D(231)
A-4455-BH04D(228)
22-17-2047
A-4455-BH04J(228)
5
22-17-2054
A-4455-BH05D(228)
A-4455-BH 05 D(231)
22-17-3056
A-4455-BH05D(228)
22-17-2057
A-4455-BH05J(228)
6
22-17-2064
A-4455-BH06D(228)
A-4455-BH 06 D(231)
22-17-3066
A-4455-BH06D(228)
22-17-2067
A-4455-BH06J(228)
7
22-17-2074
A-4455-BH07D(228)
A-4455-BH 07 D(231)
A-4455-BH07D(228)
22-17-2077
A-4455-BH07J(228)
8
22-17-2084
A-4455-BH08D(228)
A-4455-BH 08 D(231)
22-17-3086
A-4455-BH08D(228)
22-17-2087
A-4455-BH08J(228)
9
22-17-2094
A-4455-BH09D(228)
A-4455-BH 09 D(231)
A-4455-BH09D(228)
22-17-2097
A-4455-BH09J(228)
10
22-17-2104
A-4455-BH10D(228)
A-4455-BH 10 D(231)
A-4455-BH10D(228)
22-17-2107
A-4455-BH10J(228)
11
22-17-2114
A-4455-BH11D(228)
A-4455-BH 11 D(231)
A-4455-BH11D(228)
22-17-2117
A-4455-BH11J(228)
12
22-17-2124
A-4455-BH12D(228)
A-4455-BH 12 D(231)
A-4455-BH12D(228)
22-17-2127
A-4455-BH12J(228)
13
22-17-2134
A-4455-BH13D(228)
A-4455-BH 13 D(231)
A-4455-BH13D(228)
22-17-2137
A-4455-BH13J(228)
14
22-17-2144
A-4455-BH14D(228)
22-17-2140
A-4455-BH 14 D(231)
22-17-3146
A-4455-BH14D(228)
22-17-2147
A-4455-BH14J(228)
15
22-17-2154
A-4455-BH15D(228)
A-4455-BH 15 D(231)
A-4455-BH15D(228)
22-17-2157
A-4455-BH15J(228)
16
22-17-2164
A-4455-BH16D(228)
A-4455-BH 16 D(231)
A-4455-BH16D(228)
22-17-2167
A-4455-BH16J(228)
17
22-17-2174
A-4455-BH17D(228)
A-4455-BH 17 D(231)
A-4455-BH17D(228)
22-17-2177
A-4455-BH17J(228)
18
22-17-2184
A-4455-BH18D(228)
A-4455-BH 18 D(231)
A-4455-BH18D(228)
22-17-2187
A-4455-BH18J(228)
19
22-17-2194
A-4455-BH19D(228)
A-4455-BH 19 D(231)
22-17-3196
A-4455-BH19D(228)
22-17-2197
A-4455-BH19J(228)
20
22-17-2204
A-4455-BH20D(228)
22-17-2200
A-4455-BH 20 D(231)
22-17-3206
A-4455-BH20D(228)
22-17-2207
A-4455-BH20J(228)
21
22-17-2214
A-4455-BH21D(228)
A-4455-BH 21 D(231)
A-4455-BH21D(228)
22-17-2217
A-4455-BH21J(228)
22
22-17-2224
A-4455-BH22D(228)
A-4455-BH 22 D(231)
A-4455-BH22D(228)
22-17-2227
A-4455-BH22J(228)
23
22-17-2234
A-4455-BH23D(228)
A-4455-BH 23 D(231)
A-4455-BH23D(228)
22-17-2237
A-4455-BH23J(228)
24
22-17-2244
A-4455-BH24D(228)
A-4455-BH 24 D(231)
A-4455-BH24D(228)
22-17-2247
A-4455-BH24J(228)
25
22-17-2254
A-4455-BH25D(228)
22-17-2250
A-4455-BH 25 D(231)
22-17-3256
A-4455-BH25D(228)
22-17-2257
A-4455-BH25J(228)


Similar Part No. - 0038001443

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0038001440 MOLEX3-0038001440 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Top Entry, 20 Circuits
0038001441 MOLEX3-0038001441 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Top Entry, 21 Circuits
0038001442 MOLEX3-0038001442 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Top Entry, 22 Circuits
0038001444 MOLEX3-0038001444 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Top Entry, 24 Circuits
0038001445 MOLEX3-0038001445 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Top Entry, 25 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com