Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0082225911 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0082225911
Description  3.96mm (.156") Pitch Round Conductor Flat Cable - 22 AWG (7 x 30) Stranded, Topcoat, 11 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0082225911 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0082225911 Datasheet HTML 1Page - Molex Electronics Ltd. 0082225911 Datasheet HTML 2Page - Molex Electronics Ltd. 0082225911 Datasheet HTML 3Page - Molex Electronics Ltd. 0082225911 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 0082225911

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0082225910 MOLEX3-0082225910 Datasheet
219Kb / 4P
   3.96mm (.156") Pitch Round Conductor Flat Cable
0082225912 MOLEX3-0082225912 Datasheet
219Kb / 4P
   3.96mm (.156") Pitch Round Conductor Flat Cable - 22 AWG (7 x 30) Stranded,Topcoat, 12 Circuits, Reel 30.48m (100.0 ) Length
0082225913 MOLEX3-0082225913 Datasheet
219Kb / 4P
   3.96mm (.156") Pitch Round Conductor Flat Cable - 22 AWG (7 x 30) Stranded, Topcoat, 13 Circuits
0082225914 MOLEX3-0082225914 Datasheet
219Kb / 4P
   3.96mm (.156") Pitch Round Conductor Flat Cable - 22 AWG (7 x 30) Stranded, Topcoat, 14 Circuits
0082225915 MOLEX3-0082225915 Datasheet
219Kb / 4P
   3.96mm (.156") Pitch Round Conductor Flat Cable - 22 AWG (7 x 30) Stranded, Topcoat, 15 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com