Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-41671-A16A102 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # A-41671-A16A102
Description  3.96mm (.156") Pitch KK Header, Breakaway, Vertical, Square Pin, with Friction Lock, 16 Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

A-41671-A16A102 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  A-41671-A16A102 Datasheet HTML 1Page - Molex Electronics Ltd. A-41671-A16A102 Datasheet HTML 2Page - Molex Electronics Ltd. A-41671-A16A102 Datasheet HTML 3Page - Molex Electronics Ltd. A-41671-A16A102 Datasheet HTML 4Page - Molex Electronics Ltd. A-41671-A16A102 Datasheet HTML 5Page - Molex Electronics Ltd. A-41671-A16A102 Datasheet HTML 6Page - Molex Electronics Ltd. A-41671-A16A102 Datasheet HTML 7Page - Molex Electronics Ltd. A-41671-A16A102 Datasheet HTML 8Page - Molex Electronics Ltd. A-41671-A16A102 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This document was generated on 03/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0026481165
Status:
Active
Description:
3.96mm (.156") Pitch KK® Header, Breakaway, Vertical, Square Pin, with Friction Lock,
16 Circuits, Tin (Sn) Plating
Documents:
3D Model
Product Specification PS-08-50 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
41671
Application
Wire-to-Board
Product Name
KK®
Physical
Breakaway
Yes
Circuits (Loaded)
16
Circuits (maximum)
16
Color - Resin
Black
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.172 In
PC Tail Length (mm)
4.37 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.156 In
Pitch - Mating Interface (mm)
3.96 mm
Plating min: Mating (µin)
200
Plating min: Mating (µm)
5
Plating min: Termination (µin)
200
Plating min: Termination (µm)
5
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Temperature Range - Operating
0°C to +75°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
7A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
41671Series
Mates With
3069 Crimp Housing, 2139 Crimp Housing,
6442 KK® Crimp Housing, 41695 Crimp
Housing, 7674 IDT Assembly, 7675 IDT
Connector, 41815 PCB Connector, 2145
PCB Connector, 3215 KK® PCB Connector


Similar Part No. - A-41671-A16A102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-41671-A16A197 MOLEX11-A-41671-A16A197 Datasheet
68Kb / 2P
   KK짰 396 Breakaway Header, Vertical, Square Pin, with Friction Lock, 16 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com