Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0026481213 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 0026481213
Description  3.96mm (.156") Pitch KK Header, Breakaway, Vertical, Polarizing Wall, 21 Circuits, Tin (Sn) Plating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0026481213 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  0026481213 Datasheet HTML 1Page - Molex Electronics Ltd. 0026481213 Datasheet HTML 2Page - Molex Electronics Ltd. 0026481213 Datasheet HTML 3Page - Molex Electronics Ltd. 0026481213 Datasheet HTML 4Page - Molex Electronics Ltd. 0026481213 Datasheet HTML 5Page - Molex Electronics Ltd. 0026481213 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
41681
REV:
ECR/ECN INFORMATION
SHEET No.
EC No:
UCP2006-2983
S2
DATE:
2006-06-13
TITLE:
KK .156 HEADER ASSEMBLY
POLARIZING STRAIGHT
2-24 CKTS
- 4 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-41681-001
PRIDDER
ADERR
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: A-41681-ANB102-*
ENG. NO
ENG. NO
PIN NUMBER
2161-1(102)
PIN NUMBER
PIN NUMBER
PLATING
102
PLATING
PLATING
DIM. L
(19.05)/.750
DIM. L
DIM. L
DIM. X
(12.62)/.497
DIM. X
DIM. X
DIM. G (GOLD)
N/A
DIM. G (GOLD)
DIM. G (GOLD)
DIM. Z
(3.18)/.125
DIM. Z
DIM. Z
DIM. T (TIN)
OVERALL
DIM. T (TIN)
DIM. T (TIN)
PACKAGING
PK-41681-001 (BULK)
PACKAGING
PK-41681-001 (BULK)
PACKAGING
PK-41681-001 (BULK)
CKTS
EDP NO.
ENG. NO.
VOIDS
CKTS
EDP NO.
ENG. NO.
VOIDS
CKTS
EDP NO.
ENG. NO.
VOIDS
02
41681-0047
A-41681-A2B102
02
02
03
41681-0048
A-41681-A3B102
03
03
04
41681-0049
A-41681-A4B102
04
04
05
41681-0050
A-41681-A5B102
05
05
06
41681-0051
A-41681-A6B102
06
06
07
41681-0052
A-41681-A7B102
07
07
08
41681-0053
A-41681-A8B102
08
08
09
41681-0054
A-41681-A9B102
09
09
10
41681-0055
A-41681-A10B102
10
10
11
41681-0056
A-41681-A11B102
11
11
12
41681-0057
A-41681-A12B102
12
12
13
41681-0058
A-41681-A13B102
13
13
14
41681-0059
A-41681-A14B102
14
14
15
41681-0060
A-41681-A15B102
15
15
16
41681-0061
A-41681-A16B102
16
16
17
41681-0062
A-41681-A17B102
17
17
18
41681-0063
A-41681-A18B102
18
18
19
41681-0064
A-41681-A19B102
19
19
20
41681-0065
A-41681-A20B102
20
20
21
41681-0066
A-41681-A21B102
21
21
22
41681-0067
A-41681-A22B102
22
22
23
41681-0068
A-41681-A23B102
23
23
24
26-48-6248
A-41681-A24B102
24
24


Similar Part No. - 0026481213

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0026481211 MOLEX3-0026481211 Datasheet
379Kb / 15P
   3.96mm (.156") Pitch KK Header, Breakaway, Vertical, 21 Circuits, Tin (Sn) Plating
0026481212 MOLEX3-0026481212 Datasheet
177Kb / 3P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, 21 Circuits, Tin (Sn) Plating
0026481215 MOLEX3-0026481215 Datasheet
280Kb / 10P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Square Pin, with Friction Lock, 21 Circuits, Tin (Sn) Plating
0026481216 MOLEX3-0026481216 Datasheet
382Kb / 12P
   3.96mm (.156") Pitch KK Header, Breakaway, Right Angle, with Friction Lock, 21 Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com