Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42376-0163 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # 42376-0163
Description  2.54mm (.100") Pitch KK Header, Breakaway, Right Angle, 23 Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

42376-0163 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

Back Button 42376-0163 Datasheet HTML 4Page - Molex Electronics Ltd. 42376-0163 Datasheet HTML 5Page - Molex Electronics Ltd. 42376-0163 Datasheet HTML 6Page - Molex Electronics Ltd. 42376-0163 Datasheet HTML 7Page - Molex Electronics Ltd. 42376-0163 Datasheet HTML 8Page - Molex Electronics Ltd. 42376-0163 Datasheet HTML 9Page - Molex Electronics Ltd. 42376-0163 Datasheet HTML 10Page - Molex Electronics Ltd. 42376-0163 Datasheet HTML 11Page - Molex Electronics Ltd. 42376-0163 Datasheet HTML 12Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV:
ECR / ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1603
K13
DATE:
4/23/2009
TITLE:
KK 100 HEADER ASSEMBLY
FLAT RIGHT ANGLE
BREAKAWAY
- 6 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42376-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-42376-0282/ 0316
HEADER NUMBER:
42312-0002/0036
PIN NUMBER:
42663-BNB228
PIN LENGTH: L
.615/15.62
MATING LENGTH: M
.361/9.17
GOLD POINT: G
.180/4.57
PIN HEIGHT: Y
.142/3.61
PC TAIL LENGTH: P
.135/3.43
TIN: T
.135/3.43
CKTS:
2-36
KINKS:
PER SMES-42003
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-7024
42376-0282
20
22-28-7204
42376-0300
03
22-28-7034
42376-0283
21
22-28-7214
42376-0301
04
22-28-7044
42376-0284
22
22-28-7224
42376-0302
05
22-28-7054
42376-0285
23
22-28-7234
42376-0303
06
22-28-7064
42376-0286
24
22-28-7244
42376-0304
07
22-28-7074
42376-0287
25
22-28-7254
42376-0305
08
22-28-7084
42376-0288
26
22-28-7264
42376-0306
09
22-28-7094
42376-0289
27
22-28-7274
42376-0307
10
22-28-7104
42376-0290
28
22-28-7284
42376-0308
11
22-28-7114
42376-0291
29
22-28-7294
42376-0309
12
22-28-7124
42376-0292
30
22-28-7304
42376-0310
13
22-28-7134
42376-0293
31
22-28-7314
42376-0311
14
22-28-7144
42376-0294
32
22-28-7324
42376-0312
15
22-28-7154
42376-0295
33
22-28-7334
42376-0313
16
22-28-7164
42376-0296
34
22-28-7344
42376-0314
17
22-28-7174
42376-0297
35
22-28-7354
42376-0315
18
22-28-7184
42376-0298
36
22-28-7364
42376-0316
19
22-28-7194
42376-0299
A-42376-0317 / 0351
HEADER NUMBER:
42312-0002/0036
PIN NUMBER:
42663-DAA154
PIN LENGTH: L
.765/19.43
MATING LENGTH: M
.405/10.29
GOLD POINT: G
N/A
PIN HEIGHT: Y
.248/6.30
PC TAIL LENGTH: P
.135/3.43
TIN: T
OVERALL
CKTS:
2-36
KINKS:
PER SMES-42003
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0043
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-7021
42376-0317
20
22-28-7201
42376-0335
03
22-28-7031
42376-0318
21
22-28-7211
42376-0336
04
22-28-7041
42376-0319
22
22-28-7221
42376-0337
05
22-28-7051
42376-0320
23
22-28-7231
42376-0338
06
22-28-7061
42376-0321
24
22-28-7241
42376-0339
07
22-28-7071
42376-0322
25
22-28-7251
42376-0340
08
22-28-7081
42376-0323
26
22-28-7261
42376-0341
09
22-28-7091
42376-0324
27
22-28-7271
42376-0342
10
22-28-7101
42376-0325
28
22-28-7281
42376-0343
11
22-28-7111
42376-0326
29
22-28-7291
42376-0344
12
22-28-7121
42376-0327
30
22-28-7301
42376-0345
13
22-28-7131
42376-0328
31
22-28-7311
42376-0346
14
22-28-7141
42376-0329
32
22-28-7321
42376-0347
15
22-28-7151
42376-0330
33
22-28-7331
42376-0348
16
22-28-7161
42376-0331
34
22-28-7341
42376-0349
17
22-28-7171
42376-0332
35
22-28-7351
42376-0350
18
22-28-7181
42376-0333
36
22-28-7361
42376-0351
19
22-28-7191
42376-0334


Similar Part No. - 42376-0163

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42376-0163 MOLEX11-42376-0163 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, 23 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 10.29mm (.405")
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com