Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

42377-0013 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 42377-0013
Description  2.54mm (.100") Pitch KK Header, Breakaway, Right Angle Surface Mount Compatible, 13 Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

42377-0013 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  42377-0013 Datasheet HTML 1Page - Molex Electronics Ltd. 42377-0013 Datasheet HTML 2Page - Molex Electronics Ltd. 42377-0013 Datasheet HTML 3Page - Molex Electronics Ltd. 42377-0013 Datasheet HTML 4Page - Molex Electronics Ltd. 42377-0013 Datasheet HTML 5Page - Molex Electronics Ltd. 42377-0013 Datasheet HTML 6Page - Molex Electronics Ltd. 42377-0013 Datasheet HTML 7Page - Molex Electronics Ltd. 42377-0013 Datasheet HTML 8Page - Molex Electronics Ltd. 42377-0013 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2009-0952
X1
DATE:
10/31/2008
TITLE:
KK 100 HEADER ASSEMBLY
FLAT RIGHT ANGLE
BREAKAWAY
- 2 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42377-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-42377-0002 / 0036
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-AZA154
PIN LENGTH: L
.550/13.97
MATING LENGTH: M
.244/6.20
GOLD POINT: G
N/A
PI N HEIGHT: Y
.070/1.78
PC TAIL LENGTH: P
.120/3.05
TIN: T
OVERALL
CKTS:
2-36
KINKS:
NONE
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-8020 42377-0002
20
22-28-8200 42377-0020
03
22-28-8030 42377-0003
21
22-28-8210 42377-0021
04
22-28-8040 42377-0004
22
22-28-8220 42377-0022
05
22-28-8050 42377-0005
23
22-28-8230 42377-0023
06
22-28-8060 42377-0006
24
22-28-8240 42377-0024
07
22-28-8070 42377-0007
25
22-28-8250 42377-0025
08
22-28-8080 42377-0008
26
22-28-8260 42377-0026
09
22-28-8090 42377-0009
27
22-28-8270 42377-0027
10
22-28-8100 42377-0010
28
22-28-8280 42377-0028
11
22-28-8110 42377-0011
29
22-28-8290 42377-0029
12
22-28-8120 42377-0012
30
22-28-8300 42377-0030
13
22-28-8130 42377-0013
31
22-28-8310 42377-0031
14
22-28-8140 42377-0014
32
22-28-8320 42377-0032
15
22-28-8150 42377-0015
33
22-28-8330 42377-0033
16
22-28-8160 42377-0016
34
22-28-8340 42377-0034
17
22-28-8170 42377-0017
35
22-28-8350 42377-0035
18
22-28-8180 42377-0018
36
22-28-8360 42377-0036
19
22-28-8190 42377-0019
A-42377-0037 / 0071
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-BSA154
PIN LENGTH: L
.630/16.00
MATING LENGTH: M
.324/8.23
GOLD POINT: G
N/A
PI N HEIGHT: Y
.070/1.78
PC TAIL LENGTH: P
.120/3.05
TIN: T
OVERALL
CKTS:
2-36
KINKS:
NONE
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-8021
42377-0037
20
22-28-8201 42377-0055
03
22-28-8031
42377-0038
21
22-28-8211 42377-0056
04
22-28-8041
42377-0039
22
22-28-8221 42377-0057
05
22-28-8051
42377-0040
23
22-28-8231 42377-0058
06
22-28-8061
42377-0041
24
22-28-8241 42377-0059
07
22-28-8071
42377-0042
25
22-28-8251 42377-0060
08
22-28-8081
42377-0043
26
22-28-8261 42377-0061
09
22-28-8091
42377-0044
27
22-28-8271 42377-0062
10
22-28-8101
42377-0045
28
22-28-8281 42377-0063
11
22-28-8111
42377-0046
29
22-28-8291 42377-0064
12
22-28-8121
42377-0047
30
22-28-8301 42377-0065
13
22-28-8131
42377-0048
31
22-28-8311 42377-0066
14
22-28-8141
42377-0049
32
22-28-8321 42377-0067
15
22-28-8151
42377-0050
33
22-28-8331 42377-0068
16
22-28-8161
42377-0051
34
22-28-8341 42377-0069
17
22-28-8171
42377-0052
35
22-28-8351 42377-0070
18
22-28-8181
42377-0053
36
22-28-8361 42377-0071
19
22-28-8191
42377-0054


Similar Part No. - 42377-0013

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42377-0013 MOLEX11-42377-0013 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 13 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm
42377-0013 MOLEX-42377-0013 Datasheet
468Kb / 18P
   KK 100 HEADER ASSEMBLY FLAT RIGHT ANGLE BREAKAWAY
2021/10/29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com