Electronic Components Datasheet Search |
|
AA-5275 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
AA-5275 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 04/13/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0190020013 Status: Active Description: Avikrimp™ Fully Insulated Quick Disconnect, Female, for 18-22 AWG Wire, Box Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR18689 UL E79133 General Product Family Quick Disconnects Series 19002 Crimp Quality Equipment Yes Product Name Avikrimp™ Type Quick Disconnect Physical Barrel Type Closed Flammability 94V-2 Gender Female Glow-Wire Compliant No Insulation Nylon (PA) Lock to Mating Part None Material - Metal Brass Material - Plating Mating Tin Material - Plating Termination Tin Orientation Straight Packaging Type Bag Plating min: Mating (µin) 160 Plating min: Mating (µm) 4 Plating min: Termination (µin) 160 Plating min: Termination (µm) 4 Polarized to Mating Part No Tab Thickness 0.51mm (.020") Tab Width 2.79mm (.110") Temperature Range - Operating -65°C to +105°C Termination Interface: Style Crimp or Compression Wire Insulation Diameter 3.17mm (.125") max. Wire Size AWG 18, 20, 22 Wire Size mm² 0.35 - 0.80 Electrical Voltage - Maximum 300V Material Info Old Part Number AA-5275 Reference - Drawing Numbers Sales Drawing SD-19002-003 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 19002Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool 0640010800 Crimp Head for the AT-200™ Pneumatic Hand Tool 0640050800 This document was generated on 04/13/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - AA-5275 |
|
Similar Description - AA-5275 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |