Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

26-48-1051 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 26-48-1051
Description  3.96mm (.156") Pitch KK Header, Breakaway, Vertical, 5 Circuits, Tin (Sn) Plating
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

26-48-1051 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  26-48-1051 Datasheet HTML 1Page - Molex Electronics Ltd. 26-48-1051 Datasheet HTML 2Page - Molex Electronics Ltd. 26-48-1051 Datasheet HTML 3Page - Molex Electronics Ltd. 26-48-1051 Datasheet HTML 4Page - Molex Electronics Ltd. 26-48-1051 Datasheet HTML 5Page - Molex Electronics Ltd. 26-48-1051 Datasheet HTML 6Page - Molex Electronics Ltd. 26-48-1051 Datasheet HTML 7Page - Molex Electronics Ltd. 26-48-1051 Datasheet HTML 8Page - Molex Electronics Ltd. 26-48-1051 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-1384
BD1
DATE:
2/10/2010
TITLE:
KK 156 HEADER ASSEMBLY
FLAT BREAKAWAY
2-24 CKTS
- 3 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41661 -001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
PIN NUMBER
2161-65(102)
PIN NUMBER
2161-3(102)
PIN NUMBER
2161-16(501)
PIN NUMBER
2161-36(102)
PIN LENGTH
22.71/.894
PIN LENGTH
23.80/.937
PIN LENGTH
25.40/1.000
PIN LENGTH
30.48/1.200
PLATING
102
PLATING
102
PLATING
501
PLATING
102
MATING “M”
15.09/.594
MATING “M”
16.18/.637
MATING “M”
18.26/.719
MATING “M”
24.21/.953
PCB “P”
4.37/.172
PCB “P”
4.37/.172
PCB “P”
3.89/.153
PCB “P”
3.02/.119
GOLD “G”
N/A
GOLD “G”
N/A
GOLD “G”
OVERALL
GOLD “G”
N/A
TIN “T”
OVERALL
TIN “T”
OVERALL
TIN
“T”
N/A
TIN
“T”
OVERALL
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
STATUS
STATUS
STATUS
STATUS
A-41661-ANAE102-*
A-41661-ANC102-*
A-41661-AND501-*
A-41661-ANE102-*
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
26-48-1020
-A2AE102
26-48-7021
-A2C102
26-48-5023
-A2D501
26-58-4020
-A2E102
26-48-1030
-A3AE102
26-48-7031
-A3C102
41661-0093
-A3D501
26-58-4030
-A3E102
26-48-1040
-A4AE102
26-48-7041
-A4C102
41661-0094
-A4D501
26-58-4040
-A4E102
26-48-1050
-A5AE102
26-48-7051
-A5C102
41661-0095
-A5D501
26-58-4050
-A5E102
26-48-1060
-A6AE102
26-48-7061
-A6C102
41661-0096
-A6D501
26-58-4060
-A6E102
26-48-1070
-A7AE102
26-48-7071
-A7C102
41661-0097
-A7D501
26-58-4070
-A7E102
26-48-1080
-A8AE102
26-48-7081
-A8C102
26-48-5083
-A8D501
26-58-4080
-A8E102
26-48-1090
-A9AE102
26-48-7091
-A9C102
41661-0098
-A9D501
26-58-4090
-A9E102
26-48-1100
-A10AE102
26-48-7101
-A10C102
41661-0099
-A10D501
26-58-4100
-A10E102
26-48-1110
-A11AE102
26-48-7111
-A11C102
41661-0100
-A11D501
26-58-4110
-A11E102
26-48-1120
-A12AE102
26-48-7121
-A12C102
26-48-5123
-A12D501
26-58-4120
-A12E102
26-48-1130
-A13AE102
26-48-7131
-A13C102
41661-0101
-A13D501
26-58-4130
-A13E102
26-48-1140
-A14AE102
26-48-7141
-A14C102
41661-0102
-A14D501
26-58-4140
-A14E102
26-48-1150
-A15AE102
26-48-7151
-A15C102
41661-0103
-A15D501
26-58-4150
-A15E102
26-48-1160
-A16AE102
26-48-7161
-A16C102
41661-0104
-A16D501
26-58-4160
-A16E102
26-48-1170
-A17AE102
26-48-7171
-A17C102
41661-0105
-A17D501
26-58-4170
-A17E102
26-48-1180
-A18AE102
26-48-7181
-A18C102
41661-0106
-A18D501
26-58-4180
-A18E102
26-48-1190
-A19AE102
26-48-7191
-A19C102
41661-0107
-A19D501
26-58-4190
-A19E102
26-48-1200
-A20AE102
26-48-7201
-A20C102
41661-0108
-A20D501
26-58-4200
-A20E102
26-48-1210
-A21AE102
26-48-7211
-A21C102
41661-0109
-A21D501
26-58-4210
-A21E102
26-48-1220
-A22AE102
26-48-7221
-A22C102
41661-0110
-A22D501
26-58-4220
-A22E102
26-48-1230
-A23AE102
26-48-7231
-A23C102
41661-0111
-A23D501
26-58-4230
-A23E102
26-48-1240
-A24AE102
26-48-7241
-A24C102
41661-0112
-A24D501
26-58-4240
-A24E102


Similar Part No. - 26-48-1051

ManufacturerPart #DatasheetDescription
logo
MolexKits
26-48-1051 MOLEXKITS-26-48-1051 Datasheet
39Kb / 3P
   KK-156 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Premium Crimp Tool
26-48-1051 MOLEXKITS-26-48-1051 Datasheet
38Kb / 2P
   KK-156 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Universal Crimp Tool
26-48-1051 MOLEXKITS-26-48-1051 Datasheet
40Kb / 3P
   KK Breakaway Vertical and Right Angle Header and Receptacle with Universal Crimp Tool
26-48-1051 MOLEXKITS-26-48-1051 Datasheet
38Kb / 2P
   .156 Pitch Single Row Vertical and Right Angle Header and Receptacle without Ramp,5 Circuit
logo
Molex Electronics Ltd.
26-48-1051 MOLEX11-26-48-1051 Datasheet
56Kb / 2P
   KK짰 396 Breakaway Header, Vertical, 5 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com