Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDZ2.0B Datasheet(PDF) 3 Page - Rohm

Part # UDZ2.0B
Description  Zener diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UDZ2.0B Datasheet(HTML) 3 Page - Rohm

  UDZ2.0B Datasheet HTML 1Page - Rohm UDZ2.0B Datasheet HTML 2Page - Rohm UDZ2.0B Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UDZ Series
Diodes
!
!
!
!Electrical characteristic curves
(Ta=25
°C)
Fig.1 Zener voltage characteristics
0
10n
100n
1
µ
10
µ
100
µ
1m
10m
100m
5
10152025303540
ZENER VOLTAGE : VZ
(V)
0
0
25
50
100
150
100
200
300
AMBIENT TEMPERATURE : Ta (˚C)
Fig.2 Derating curve
−0.08
−0.06
−0.04
−0.02
0.00
0.02
0.04
0.06
0.08
0.10
Iz=5mA
Iz=500
µA
210
20
30
ZENER VOLTAGE : Vz (V)
Fig.3 Zener voltage -
temp.coefficient characteristics


Similar Part No. - UDZ2.0B

ManufacturerPart #DatasheetDescription
logo
Formosa MS
UDZ2.4B FORMOSA-UDZ2.4B Datasheet
62Kb / 8P
   SMD Zener Diode
UDZ2.4B-FL FORMOSA-UDZ2.4B-FL Datasheet
97Kb / 8P
   SMD Zener Diode
UDZ2.7B FORMOSA-UDZ2.7B Datasheet
62Kb / 8P
   SMD Zener Diode
UDZ2.7B-FL FORMOSA-UDZ2.7B-FL Datasheet
97Kb / 8P
   SMD Zener Diode
More results

Similar Description - UDZ2.0B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com