Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1625-9R4-1 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1625-9R4-1
Description  1.57mm (.062") Diameter Standard .062" Pin and Socket Plug Housing, 9 Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

1625-9R4-1 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1625-9R4-1 Datasheet HTML 1Page - Molex Electronics Ltd. 1625-9R4-1 Datasheet HTML 2Page - Molex Electronics Ltd. 1625-9R4-1 Datasheet HTML 3Page - Molex Electronics Ltd. 1625-9R4-1 Datasheet HTML 4Page - Molex Electronics Ltd. 1625-9R4-1 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0050362281
Status:
Active
Overview:
standard_062
Description:
1.57mm (.062") Diameter Standard .062" Pin and Socket Plug Housing, 9 Circuits, With
Standard Mounting Ears, Glow Wire Compatible
Documents:
3D Model
Product Specification PS-02-06 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
Crimp Housings
Series
1625
Comments
Polarized to Mating Part
Overview
standard_062
Product Name
Standard .062"
Physical
Circuits (maximum)
9
Circuits Detail
3x3
Color - Resin
Natural
Flammability
94V-0
Gender
Receptacle
Glow-Wire Compliant
Yes
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Nylon
Number of Rows
3
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface (in)
0.145 In
Pitch - Mating Interface (mm)
3.68 mm
Pitch - Term. Interface (in)
0.145 In
Pitch - Term. Interface (mm)
3.96 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
5A
Material Info
Old Part Number
1625-9R4-1
Reference - Drawing Numbers
Packaging Specification
PK-1625-001
Product Specification
PS-02-06
Sales Drawing
SD-1625-9**
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
1625Series
Mates With
1625 Plug
Use With
Female Crimp Terminals 1561Link:4559
, 4529 , 2190 , 2189 , 1787 , 1855 . Male
Crimp Terminals 1560 , 1786 , 1854. 1778
Male PC Tail Terminals. 1779 Female PC
Tail Terminals
This document was generated on 06/08/2010


Similar Part No. - 1625-9R4-1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1625-9R4 MOLEX3-1625-9R4 Datasheet
242Kb / 5P
   1.57mm (.062") Diameter Standard .062" Pin and Socket Receptacle Housing, 9 Circuits, With Pre-bent Mounting Ears
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com