Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0190700137 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0190700137
Description  InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190700137 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0190700137 Datasheet HTML 1Page - Molex Electronics Ltd. 0190700137 Datasheet HTML 2Page - Molex Electronics Ltd. 0190700137 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190700137
Status:
Active
Description:
InsulKrimp™ Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 5/16", Length
31.60mm (1.243"), Mylar Tape Carrier
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-009 (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19070
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
InsulKrimp™
Type
Ring
Physical
Barrel Type
Closed
Color - Resin
Natural
Flammability
94V-2
Insulation
PVC
Material - Plating Mating
Tin
Packaging Type
Adhesive Tape on Reel
Stud Size
5-6 (M3-3.5)
Wire Insulation Diameter
6.40mm (.250") max.
Wire Size AWG
10, 12
Wire Size mm²
0.40 - 0.60
Material Info
Old Part Number
C-230-56XT
Reference - Drawing Numbers
Product Specification
PS-19902-009
Sales Drawing
CCD20101
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19070Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Crimp Dies for
MTA-100 Tape
Applicator used in
3BF Press, MTA-105
Tape Applicator used
in TM-2000™ Press,
and ATP-301 Air
Crimping Press for
Mylar Tape Mounted
Terminals
0192880179
Mini-Mac™
Applicator
0638851500


Similar Part No. - 0190700137

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190700130 MOLEX4-0190700130 Datasheet
74Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire
0190700131 MOLEX4-0190700131 Datasheet
73Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire
0190700132 MOLEX4-0190700132 Datasheet
74Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire
0190700133 MOLEX4-0190700133 Datasheet
73Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 1/4", Length31.60mm (1.243"), Mylar Tape Carrier
0190700136 MOLEX4-0190700136 Datasheet
74Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire
More results

Similar Description - 0190700137

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190700115 MOLEX4-0190700115 Datasheet
73Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire
0190700136 MOLEX4-0190700136 Datasheet
74Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire
0190700121 MOLEX4-0190700121 Datasheet
74Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire
0190700145 MOLEX4-0190700145 Datasheet
74Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire
0190700116 MOLEX4-0190700116 Datasheet
73Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire
0190700132 MOLEX4-0190700132 Datasheet
74Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire
0190700143 MOLEX4-0190700143 Datasheet
74Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire
0190700131 MOLEX4-0190700131 Datasheet
73Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire
0190700130 MOLEX4-0190700130 Datasheet
74Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire
0190700123 MOLEX4-0190700123 Datasheet
74Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire
0190700109 MOLEX4-0190700109 Datasheet
73Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com