Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-828-08XT Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # C-828-08XT
Description  Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

C-828-08XT Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  C-828-08XT Datasheet HTML 1Page - Molex Electronics Ltd. C-828-08XT Datasheet HTML 2Page - Molex Electronics Ltd. C-828-08XT Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - C-828-08XT

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
C-828-08X MOLEX4-C-828-08X Datasheet
73Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 8, ExpandedFlare, Length 27.71mm (1.091")
More results

Similar Description - C-828-08XT

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190730216 MOLEX4-0190730216 Datasheet
105Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
0190730231 MOLEX4-0190730231 Datasheet
105Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
0190730242 MOLEX4-0190730242 Datasheet
105Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
0190730191 MOLEX4-0190730191 Datasheet
73Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
0190730160 MOLEX4-0190730160 Datasheet
100Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
0190730162 MOLEX4-0190730162 Datasheet
100Kb / 3P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
0190730163 MOLEX4-0190730163 Datasheet
73Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
0190730229 MOLEX4-0190730229 Datasheet
73Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
0190730227 MOLEX4-0190730227 Datasheet
105Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
0190730179 MOLEX4-0190730179 Datasheet
105Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com