Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-19160-009 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-19160-009
Description  Closed-End Connector Insert for 12-22 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19160-009 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-19160-009 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19160-009 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191600022
Status:
Active
Description:
Closed-End Connector Insert for 12-22 AWG Wire
General
Product Family
Splices
Series
19160
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Closed-End Connector Insert
Physical
Barrel Type
Closed
Insulation
None
Packaging Type
Bag
Temperature Range - Operating
149°C
Wire Insulation Diameter
N/A
Wire Size AWG
12, 14, 16, 18, 20, 22
Material Info
Old Part Number
CE-2212
Reference - Drawing Numbers
Sales Drawing
SD-19160-009
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19160Series
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-19160-009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-19160-001 MOLEX4-SD-19160-001 Datasheet
100Kb / 2P
   CLOSED END CONNECTOR TAPED (NC-2212T)
SD-19160-003 MOLEX4-SD-19160-003 Datasheet
97Kb / 2P
   Wing Lock Splice for 8-18 AWG Wire
More results

Similar Description - SD-19160-009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191600009 MOLEX4-0191600009 Datasheet
101Kb / 2P
   Closed-End Insulated Splice for 12-22 AWG Wire
logo
TE Connectivity Ltd
34308 TEC-34308 Datasheet
71Kb / 1P
   SPLICE, WIRE, CLOSED END 22-10 AWG
logo
Molex Electronics Ltd.
0191600012 MOLEX4-0191600012 Datasheet
101Kb / 2P
   Closed-End Insulated Splice for 14-22 AWG Wire
logo
TE Connectivity Ltd
328730 TEC-328730 Datasheet
79Kb / 1P
   SPLICE, CLOSED END, WIRE SIZE, 22-10 AWG
REV,AD1
logo
Molex Electronics Ltd.
0191600024 MOLEX4-0191600024 Datasheet
101Kb / 2P
   Closed-End Insulated Splice for 8 AWG Wire
logo
Tyco Electronics
647016 MACOM-647016 Datasheet
262Kb / 2P
   MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 22 AWG
logo
Molex Electronics Ltd.
0191600002 MOLEX4-0191600002 Datasheet
101Kb / 2P
   Closed-End Insulated Splice for 10-16 AWG Wire
logo
Tyco Electronics
647000 MACOM-647000 Datasheet
275Kb / 2P
   MTA-100 POSTED CONNECTOR ASSEMBLY, CLOSED END, 22 AWG, TIN
logo
List of Unclassifed Man...
321519 ETC1-321519 Datasheet
40Kb / 1P
   SPLICE, WIRE, CLOSED END
logo
Molex Electronics Ltd.
0194190017 MOLEX4-0194190017 Datasheet
109Kb / 2P
   MX150L??12 Circuit Plug for 18-22 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com