Selected language     English  â–Ľ


F-367-56 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. F-367-56
Description  VersaKrimp™ Ring Tongue Terminal for 4 AWG Wire
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX4 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

   
 1 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191930278
Status:
Active
Description:
VersaKrimp™ Ring Tongue Terminal for 4 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19193
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
VersaKrimp™
Type
Ring
Physical
Barrel Type
Closed - Brazed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Stud Size
5/16" (M8)
Termination Interface: Style
Crimp or Compression
Wire Size AWG
4
Material Info
Old Part Number
F-367-56
Reference - Drawing Numbers
Sales Drawing
SD-19193-006
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19193Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Putt Pump Dieless
Head System
0192860065
Manual Putt Pump
Hydraulic System,
Die set required
0192860117
Die Set (large) for
the HHLS Hydralic
Crimper
0192900007
Hand Crimp Tool
0640013900
This document was generated on 04/14/2010




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl