Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0313891207 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0313891207
Description  2.54mm (.100") Pitch, 0.64mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0313891207 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0313891207 Datasheet HTML 1Page - Molex Electronics Ltd. 0313891207 Datasheet HTML 2Page - Molex Electronics Ltd. 0313891207 Datasheet HTML 3Page - Molex Electronics Ltd. 0313891207 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 0313891207

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0313811000 MOLEX4-0313811000 Datasheet
404Kb / 3P
   38 Circuit ABS Way Receptacle, 2.8 Power Only
0313862001 MOLEX4-0313862001 Datasheet
567Kb / 5P
   2.54mm (.100") Pitch, MX123?
0313872002 MOLEX4-0313872002 Datasheet
744Kb / 5P
   2.54mm (.100") Pitch, MX123??Female Header, 73 Circuits Shrouded Assembly0.64mm (.025") Square Pins, Harness Side Key Code B, Gray
0313872003 MOLEX4-0313872003 Datasheet
745Kb / 5P
   2.54mm (.100") Pitch, MX123??Female Header, 73 Circuits Shrouded Assembly0.64mm (.025") Square Pins, Harness Side Key Code C, Blue
0313872014 MOLEX4-0313872014 Datasheet
744Kb / 5P
   2.54mm (.100") Pitch, MX123??Female Header
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com