Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-5YC Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # C-5YC
Description  Avikrimp??3 Way Splice for 10-12 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

C-5YC Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  C-5YC Datasheet HTML 1Page - Molex Electronics Ltd. C-5YC Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - C-5YC

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
C-5-1419121-7 TEC-C-5-1419121-7 Datasheet
161Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
C-5-1419121-9 TEC-C-5-1419121-9 Datasheet
148Kb / 2P
   Change the vent hole shape from rectangle to circle one
C-5-1419124-6 TEC-C-5-1419124-6 Datasheet
114Kb / 2P
   OSA-SS-212DM3,000-RELAY Customer Drawing
C-5-1419124-7 TEC-C-5-1419124-7 Datasheet
129Kb / 2P
   OSA-SS-DM5,000,000M
C-5-1419131-9 TEC-C-5-1419131-9 Datasheet
71Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - C-5YC

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192040029 MOLEX4-0192040029 Datasheet
80Kb / 2P
   Avikrimp??4 Way Splice for 10-12 AWG Wire
0192040026 MOLEX4-0192040026 Datasheet
82Kb / 3P
   InsulKrimp??3 Way Splice for 10-12 AWG Wire
0192040018 MOLEX4-0192040018 Datasheet
81Kb / 2P
   Avikrimp??3 Way Splice for 14-16 AWG Wire
0192000003 MOLEX4-0192000003 Datasheet
118Kb / 2P
   Avikrimp??Seamless Butt Splice for 10-12 AWG Wire
0192040025 MOLEX4-0192040025 Datasheet
81Kb / 3P
   InsulKrimp??4 Way Splice for 10-12 AWG Wire
0192040017 MOLEX4-0192040017 Datasheet
80Kb / 2P
   Avikrimp??4 Way Splice for 14-16 AWG Wire
0192040004 MOLEX4-0192040004 Datasheet
81Kb / 2P
   InsulKrimp??3 Way Splice for 18-22 AWG Wire
0192040014 MOLEX4-0192040014 Datasheet
82Kb / 3P
   InsulKrimp??3 Way Splice for 14-16 AWG Wire
0192070005 MOLEX4-0192070005 Datasheet
71Kb / 3P
   NylaKrimp??Parallel Splice for 10-12 AWG Wire
0191540037 MOLEX4-0191540037 Datasheet
63Kb / 2P
   InsulKrimp??Butt Splice for 10-12 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com