Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-19069-013 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-19069-013
Description  Krimptite??Ring Tongue Terminal for 14-16 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

SD-19069-013 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-19069-013 Datasheet HTML 1Page - Molex Electronics Ltd. SD-19069-013 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190690106
Status:
Active
Description:
Krimptite™ Ring Tongue Terminal for 14-16 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19069
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Krimptite™
Type
Ring
Physical
Barrel Type
Closed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Adhesive Tape on Reel
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Stud Size
10 (M5)
Wire Size AWG
14, 16
Wire Size mm²
1.30 - 2.00
Material Info
Old Part Number
BB-125-10T
Reference - Drawing Numbers
Sales Drawing
SD-19069-013
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19069Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
ATP Perishable
Tool Kit used in ATP
presses that process
product on tape
0190270068
Mini-Mac™
Applicator, Air Feed
Mylar Tape
0638853900
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-19069-013

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-19069-004 MOLEX4-SD-19069-004 Datasheet
164Kb / 2P
   Krimptite??Ring Tongue Terminal for 18-22 AWG Wire
SD-19069-004 MOLEX4-SD-19069-004 Datasheet
164Kb / 2P
   Krimptite??Ring Tongue Terminal for 18-22 AWG Wire
More results

Similar Description - SD-19069-013

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190690100 MOLEX4-0190690100 Datasheet
151Kb / 2P
   Krimptite??Ring Tongue Terminal for 14-16 AWG Wire
0190690107 MOLEX4-0190690107 Datasheet
151Kb / 2P
   Krimptite??Ring Tongue Terminal for 14-16 AWG Wire
0190690124 MOLEX4-0190690124 Datasheet
151Kb / 2P
   Krimptite??Ring Tongue Terminal for 14-16 AWG Wire
0190690102 MOLEX4-0190690102 Datasheet
151Kb / 2P
   Krimptite??Ring Tongue Terminal for 14-16 AWG Wire
0190690121 MOLEX4-0190690121 Datasheet
151Kb / 2P
   Krimptite??Ring Tongue Terminal for 14-16 AWG Wire
0190690105 MOLEX4-0190690105 Datasheet
151Kb / 2P
   Krimptite??Ring Tongue Terminal for 14-16 AWG Wire
0190690117 MOLEX4-0190690117 Datasheet
151Kb / 2P
   Krimptite??Ring Tongue Terminal for 14-16 AWG Wire
0190690108 MOLEX4-0190690108 Datasheet
151Kb / 2P
   Krimptite??Ring Tongue Terminal for 14-16 AWG Wire
0190690109 MOLEX4-0190690109 Datasheet
151Kb / 2P
   Krimptite??Ring Tongue Terminal for 14-16 AWG Wire
0190690116 MOLEX4-0190690116 Datasheet
151Kb / 2P
   Krimptite??Ring Tongue Terminal for 14-16 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com