Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

35021-1201 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 35021-1201
Description  Board-In Right Angle Crimp Terminal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

35021-1201 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  35021-1201 Datasheet HTML 1Page - Molex Electronics Ltd. 35021-1201 Datasheet HTML 2Page - Molex Electronics Ltd. 35021-1201 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 35021-1201

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
35021-1001 MOLEX4-35021-1001 Datasheet
331Kb / 4P
   Board-In Right Angle Crimp Terminal 35021, Reel, Brass Tin (Sn)
35021-1160 MOLEX4-35021-1160 Datasheet
129Kb / 2P
   2.00mm (.079") Board-In Terminal for 22-30 AWG, Right Angle, Phosphor Bronze,Lead-free, Post-Tin Plating
35021-1301 MOLEX4-35021-1301 Datasheet
330Kb / 3P
   2.00/2.50mm (.079/.098") Board-In Terminal, Right Angle , Phosphor Bronze, Pre-Plated
35021-1360 MOLEX4-35021-1360 Datasheet
128Kb / 2P
   2.00mm (.079") Board-In Terminal for 24-30 AWG, Right Angle, Phosphor BronzeLead-free, Post-Tin Plating
More results

Similar Description - 35021-1201

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
02-07-2101 MOLEX5-02-07-2101 Datasheet
35Kb / 2P
   Board-In Crimp Terminal
02-09-2105 MOLEX5-02-09-2105 Datasheet
35Kb / 1P
   Board-In Crimp Terminal
0350211001 MOLEX4-0350211001 Datasheet
331Kb / 4P
   Board-In Right Angle Crimp Terminal 35021, Reel, Brass Tin (Sn)
63902-8500 MOLEX11-63902-8500 Datasheet
49Kb / 1P
   FineAdjust for Right Angle Board-In Terminal
ATS-639028500 MOLEX-ATS-639028500 Datasheet
316Kb / 5P
   FineAdjust for Right Angle Board-In Terminal
05-14-13
0639028500 MOLEX-0639028500 Datasheet
32Kb / 1P
   FineAdjust for Right-Angle Board-in Terminal
08/26/2022
63811-6900 MOLEX11-63811-6900 Datasheet
41Kb / 1P
   Hand Crimp Tool for Right Angle Board-In Crimp Terminals
0638116900 MOLEX-0638116900 Datasheet
37Kb / 2P
   Hand Crimp Tool for Right-Angle Board-in Crimp Terminals
11/02/2021
63823-4800 MOLEX11-63823-4800 Datasheet
39Kb / 1P
   Hand Crimp Tool for 2.00mm Pitch Board-In Male Crimp Terminal
0638234800 MOLEX-0638234800 Datasheet
32Kb / 1P
   Hand Crimp Tool for 2.00mm Pitch Board-in Male Crimp Terminal
08/25/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com