Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0351530300 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0351530300
Description  6.90/11.70mm (.272/.461") Pitch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0351530300 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0351530300 Datasheet HTML 1Page - Molex Electronics Ltd. 0351530300 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0351530300
Status:
Active
Description:
6.90/11.70mm (.272/.461") Pitch, 6.35mm (250") Tab Wire-to-Board Housing for
Capacitor, Female, 3 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35153-001 (PDF)
General
Product Family
Crimp Housings
Series
35153
Product Name
N/A
Physical
Circuits (maximum)
3
Color - Resin
Natural
Gender
Female
Glow-Wire Compliant
No
Material - Resin
Polyester
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.272 In, 0.461 In
Pitch - Mating Interface (mm)
11.70 mm, 6.90 mm
Temperature Range - Operating
-40°C to +120°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-35153-001
Sales Drawing
SD-35153-0300
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35153Series
Mates With
Appliance Capacitor
Use With
35725-40*0|35725-41*0|35725-42*0
This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0351530300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0351530500 MOLEX4-0351530500 Datasheet
63Kb / 2P
   7.00/7.60/11.60mm (.276/.299/.457") Pitch, 6.35mm (250") Tab Wire-to-Board HousingFemale, 5 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com