Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB-5221 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # BB-5221
Description  Avikrimp??Quick Disconnect for 14-16 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

BB-5221 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  BB-5221 Datasheet HTML 1Page - Molex Electronics Ltd. BB-5221 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190060011
Status:
Active
Description:
Avikrimp™ Quick Disconnect for 14-16 AWG Wire, Female Flag, Tab 6.35mm (.250") x
0.81mm (.032")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19006
Crimp Quality Equipment
Yes
MolexKits
Yes
Product Name
Avikrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Insulation
Nylon (PA)
Lock to Mating Part
None
Material - Metal
Brass
Material - Resin
Nylon
Orientation
Flag
Packaging Type
Bag
Polarized to Mating Part
No
Tab Thickness
0.81mm (.032")
Tab Width
6.35mm (.250")
Temperature Range - Operating
-65°C to +105°C
Wire Insulation Diameter
4.32mm (.170") max.
Wire Size AWG
14, 16
Wire Size mm²
1.30 - 2.00
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
BB-5221
Reference - Drawing Numbers
Sales Drawing
SD-19006-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19006Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640014300
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640054300
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - BB-5221

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
BB-5221T MOLEX4-BB-5221T Datasheet
95Kb / 2P
   Flag Avikrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Mylar TapeTab 6.35mm (.250") x 0.81mm (.032"||" "368927
Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wi
BB-5221Z MOLEX4-BB-5221Z Datasheet
96Kb / 3P
   Flag Avikrimp??Quick Disconnect, Female, for 14-16 (2.00-1.30) Wire, Metal Strip, Tab6.35mm (.250") x 0.81mm (.032
More results

Similar Description - BB-5221

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190020037 MOLEX3-0190020037 Datasheet
150Kb / 2P
   Avikrimp??Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Box
0190020040 MOLEX3-0190020040 Datasheet
150Kb / 2P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Box
0190020028 MOLEX3-0190020028 Datasheet
150Kb / 2P
   Avikrimp??Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Box
0190020034 MOLEX3-0190020034 Datasheet
150Kb / 2P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Box
0190020031 MOLEX3-0190020031 Datasheet
150Kb / 2P
   Avikrimp??Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Box
0190020042 MOLEX3-0190020042 Datasheet
150Kb / 2P
   Avikrimp??Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Box
0190020024 MOLEX3-0190020024 Datasheet
150Kb / 2P
   Avikrimp??Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Box
0190020041 MOLEX3-0190020041 Datasheet
151Kb / 3P
   Avikrimp??Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Metal Strip
0190020025 MOLEX3-0190020025 Datasheet
151Kb / 3P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Mylar Tape
0190020030 MOLEX3-0190020030 Datasheet
151Kb / 3P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Metal Strip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com