|
| UMZ1N |
|
||
|
ROHM |
|
1 page
EMZ1 / UMZ1N / IMZ1A Transistors Rev.A 1/4 General purpose transistor (dual transistors) EMZ1 / UMZ1N / IMZ1A Features 1) Both a 2SA1037AK chip and 2SC2412K chip in a EMT or UMT or SMT package. 2) Mounting possible with EMT3 or UMT3 or SMT3 automatic mounting machines. 3) Transistor elements are independent, eliminating interference. 4) Mounting cost and area can be cut in half. Structure NPN / PNP epitaxial planar silicon transistor Equivalent circuit EMZ1 / UMZ1N IMZ1A (3) (2) (1) (4) (6) (5) Tr2 Tr1 (3) (2) (1) (4) (6) (5) Tr2 Tr1 Absolute maximum ratings (Ta = 25 °C) Parameter Symbol Limits Tr1 Tr2 Unit VCBO 60 V 50 V V VCEO VEBO 7 IC mA 150 −60 −50 −6 −150 Tj 150 ˚C Tstg −55 to +150 ˚C PC EMZ1, UMZ1N 150 (TOTAL) mW IMZ1A 300 (TOTAL) ∗1 ∗2 Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Junction temperature Storage temperature Power dissipation ∗1 120mW per element must not be exceeded. ∗2 200mW per element must not be exceeded. External dimensions (Unit : mm) ROHM : EMT6 EMZ1 ROHM : UMT6 EIAJ : SC-88 UMZ1N Abbreviated symbol : Z1 Abbreviated symbol : Z1 Abbreviated symbol : Z1 ROHM : SMT6 EIAJ : SC-74 IMZ1A Each lead has same dimensions Each lead has same dimensions Each lead has same dimensions 0.1Min. 2.1 1.25 0.3to0.6 2.8 1.6 1.2 1.6 (1) (2) (5) (3) (6) (4) |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IMT17 | General purpose transistor isolated dual transistors | 1 2 3 | Rohm |
| IMX17 | General purpose transistor dual transistors | 1 2 3 | Rohm |
| UMT1N | General Purpose Transistor Isolated Dual Transistors | 1 2 3 4 | Rohm |
| IMZ4 | General purpose transistor dual transistors | 1 2 3 4 5 | Rohm |
| IMX9 | General purpose transistor isolated dual transistors | 1 2 3 4 | Rohm |
| IMX25 | General purpose transistor isolated dual transistors | 1 2 3 4 5 | Rohm |
| EMH1 | General purpose dual digital transistors | 1 2 | Rohm |
| IMH20 | General purpose dual digital transistors | 1 2 3 4 | Rohm |
| FMS3 | General purpose dual transistors | 1 | Rohm |
| 2N3209DCSM | DUAL HIGH SPEED MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE | 1 2 | Seme LAB |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |