Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0190540098 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0190540098
Description  InsulKrimp??Ring Tongue Terminal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190540098 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0190540098 Datasheet HTML 1Page - Molex Electronics Ltd. 0190540098 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190540098
Status:
Active
Description:
InsulKrimp™ Ring Tongue Terminal for 14-16 Heavy Duty AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-009 (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19054
Comments
Heavy Duty
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
InsulKrimp™
Type
Ring
Physical
Barrel Type
Closed
Color - Resin
Natural
Flammability
94V-0
Insulation
PVC
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Stud Size
5/16" (M8)
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
6.40mm (.250") max.
Wire Size AWG
14, 16
Wire Size mm²
1.30 - 2.00
Material Info
Old Part Number
B-230-56HDX
Reference - Drawing Numbers
Product Specification
PS-19902-009
Sales Drawing
SD-19054-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19054Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640010100
Hand Crimp Tool
0640011600
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050100
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0190540098

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190540092 MOLEX4-0190540092 Datasheet
126Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 14-16 Heavy Duty AWG Wire
0190540093 MOLEX4-0190540093 Datasheet
127Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 14-16 AWG
0190540094 MOLEX4-0190540094 Datasheet
126Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 14-16 Heavy Duty AWG Wire
0190540096 MOLEX4-0190540096 Datasheet
126Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 14-16 Heavy Duty AWG Wire
0190540097 MOLEX4-0190540097 Datasheet
126Kb / 2P
   InsulKrimp??Ring Tongue Terminal
More results

Similar Description - 0190540098

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190540097 MOLEX4-0190540097 Datasheet
126Kb / 2P
   InsulKrimp??Ring Tongue Terminal
0190750018 MOLEX4-0190750018 Datasheet
88Kb / 3P
   InsulKrimp??Star Ring Tongue Terminal
0190750012 MOLEX4-0190750012 Datasheet
87Kb / 3P
   InsulKrimp??Steel Star Ring Tongue Terminal
0190710166 MOLEX4-0190710166 Datasheet
172Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire
0190540093 MOLEX4-0190540093 Datasheet
127Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 14-16 AWG
0190710234 MOLEX4-0190710234 Datasheet
171Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 4 AWG Wire
0190710229 MOLEX4-0190710229 Datasheet
85Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 6 AWG Wire
0190710190 MOLEX4-0190710190 Datasheet
88Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 6 AWG Wire
0190710150 MOLEX4-0190710150 Datasheet
171Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire
0190710136 MOLEX4-0190710136 Datasheet
172Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com