Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19330003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 19330003
Description  Krimptite??Snap Plug, for 18-22 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

19330003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  19330003 Datasheet HTML 1Page - Molex Electronics Ltd. 19330003 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190330003
Status:
Active
Description:
Krimptite™ Snap Plug, for 18-22 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification (PDF)
Agency Certification
CSA
LR18689
UL
E152602
General
Product Family
Quick Disconnects
Series
19033
Crimp Quality Equipment
Yes
MolexKits
Yes
Product Name
Krimptite™
Type
Snap Plug
Physical
Barrel Type
Closed
Gender
Male
Glow-Wire Compliant
No
Insulation
None
Lock to Mating Part
None
Material - Metal
Copper
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Orientation
Straight
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Tab Thickness
N/A
Tab Width
N/A
Termination Interface: Style
Screw or Lug
Wire Insulation Diameter
N/A
Wire Size AWG
18, 20, 22
Wire Size mm²
0.35 - 0.80
Electrical
Voltage - Maximum
N/A
Material Info
Old Part Number
A-169
Reference - Drawing Numbers
Sales Drawing
SD-19033-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19033Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640030100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640070100
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 19330003

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1933011 PHOENIX-1933011 Datasheet
50Kb / 2P
   Accessories - KST-POF
logo
Adels-Contact
193302 ADELS-193302 Datasheet
114Kb / 1P
   ABK 406/ 2
193303 ADELS-193303 Datasheet
115Kb / 1P
   ABK 406/ 3
logo
Advantech Co., Ltd.
19330304A0 ADVANTECH-19330304A0 Datasheet
532Kb / 2P
   15" XGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor and UL Class 1 Division 2
16-Jan-2023
19330304A0 ADVANTECH-19330304A0 Datasheet
707Kb / 5P
   15" Point-of-Care Terminal with 11th Generation Intel® Processor
2-May-2023
More results

Similar Description - 19330003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190330001 MOLEX4-0190330001 Datasheet
80Kb / 2P
   Krimptite??Snap Plug, for 18-22 AWG Wire
0190370002 MOLEX4-0190370002 Datasheet
90Kb / 2P
   Krimptite??Snap Plug Receptacle, for 18-22 AWG Wire, Box, 16.26mm (.640") Length
0192110003 MOLEX4-0192110003 Datasheet
104Kb / 2P
   Krimptite??Wire Pin Terminal for 22-18 AWG Wire
0191890004 MOLEX4-0191890004 Datasheet
96Kb / 2P
   Krimptite??Butt Splice for 18-22 AWG Wire
0190690049 MOLEX4-0190690049 Datasheet
164Kb / 2P
   Krimptite??Ring Tongue Terminal for 18-22 AWG Wire
0190690044 MOLEX4-0190690044 Datasheet
164Kb / 2P
   Krimptite??Ring Tongue Terminal for 18-22 AWG Wire
0191290045 MOLEX4-0191290045 Datasheet
67Kb / 2P
   Krimptite??Block Spade Terminal for 18-22 AWG Wire
0190690055 MOLEX4-0190690055 Datasheet
164Kb / 2P
   Krimptite??Ring Tongue Terminal for 18-22 AWG Wire
0190690035 MOLEX4-0190690035 Datasheet
164Kb / 2P
   Krimptite??Ring Tongue Terminal for 18-22 AWG Wire
0190690046 MOLEX4-0190690046 Datasheet
164Kb / 2P
   Krimptite??Ring Tongue Terminal for 18-22 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com