Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

31067-1072 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 31067-1072
Description  2.54mm (.100") H-DAC 64?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

31067-1072 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  31067-1072 Datasheet HTML 1Page - Molex Electronics Ltd. 31067-1072 Datasheet HTML 2Page - Molex Electronics Ltd. 31067-1072 Datasheet HTML 3Page - Molex Electronics Ltd. 31067-1072 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0310671072
Status:
Active
Overview:
hdac_64_single_row
Description:
2.54mm (.100") H-DAC 64™, 3 Way Male Housing Assembly, Single-Row, Polarization
C, with Xmas Tree Attachment
Documents:
Drawing (PDF)
Product Specification PS-31067-0001 (PDF)
Application Specification (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
31067
Comments
Polarization Option C, Brown
Overview
hdac_64_single_row
Product Name
H-DAC 64™
Physical
Circuits (maximum)
3
Circuits Detail
3
Color - Resin
Brown
Gender
Male
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Modified Polystyrene, Polyester
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Polarized to Mating Part
Yes
Ports
1
Stackable
No
Temperature Range - Operating
-40°C to +100°C
Electrical
Current - Maximum per Contact
11A, 9A
Material Info
Reference - Drawing Numbers
Application Specification
AS-31067-100
Packaging Specification
PK-30907-737, PK-31301-076
Product Specification
PS-31067-0001
Sales Drawing
SD-31110-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
31067Series
Mates With
31101 H-DAC 64™ Vertical Header
Use With
See Product Spec
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 31067-1072

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
31067-1072 MOLEX11-31067-1072 Datasheet
43Kb / 1P
   2.54mm H-DAC 64?? 3 Way Male Housing Assembly, Single Row, Polarization C, with
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com