Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0351899252 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0351899252
Description  4.75mm (.187") Tab, MP-Lock??Housing, 2 Circuits, 16.00mm (.630") Pitch, UL94V-0,Polypropylene, Red
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0351899252 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0351899252 Datasheet HTML 1Page - Molex Electronics Ltd. 0351899252 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0351899252

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0351899250 MOLEX4-0351899250 Datasheet
91Kb / 2P
   4.75mm (.187
0351899253 MOLEX4-0351899253 Datasheet
91Kb / 2P
   4.75mm (.187") Tab, MP-Lock??Housing, 2 Circuits, 16.00mm (.630") Pitch, UL94V-0Polypropylene, Yellow
0351899254 MOLEX4-0351899254 Datasheet
91Kb / 2P
   4.75mm (.187") Tab, MP-Lock??Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com