Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA-2205XC Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # AA-2205XC
Description  InsulKrimp??Female Quick Disconnect for 18-22 AWG Wire Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

AA-2205XC Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  AA-2205XC Datasheet HTML 1Page - Molex Electronics Ltd. AA-2205XC Datasheet HTML 2Page - Molex Electronics Ltd. AA-2205XC Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - AA-2205XC

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
AA-2205X MOLEX4-AA-2205X Datasheet
177Kb / 3P
   InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35), Box, Tab 2.79mm(.110") x 0.81mm (.032")
More results

Similar Description - AA-2205XC

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190030097 MOLEX4-0190030097 Datasheet
223Kb / 3P
   InsulKrimp??Female Quick Disconnect for 18-22 AWG Wire Range
0190030107 MOLEX4-0190030107 Datasheet
223Kb / 3P
   InsulKrimp??Female Quick Disconnect for 18-22 AWG Wire
0190030109 MOLEX4-0190030109 Datasheet
223Kb / 3P
   InsulKrimp??Female Quick Disconnect for 18-22 AWG Wire
0190070012 MOLEX4-0190070012 Datasheet
87Kb / 2P
   Flag InsulKrimp??Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire
0190070071 MOLEX4-0190070071 Datasheet
107Kb / 2P
   InsulKrimp??Female Fully Insulated Quick Disconnect Flag for 18-22 AWG Wire, Tab4.75mm (.187
0190090004 MOLEX4-0190090004 Datasheet
72Kb / 2P
   VibraKrimp??Quick Disconnect Flag, Female, for 18-22 AWG Wire
0190090001 MOLEX4-0190090001 Datasheet
72Kb / 2P
   VibraKrimp??Quick Disconnect Flag,Female, for 18-22 AWG Wire
0190090003 MOLEX4-0190090003 Datasheet
72Kb / 2P
   VibraKrimp??Quick Disconnect Flag, Female, for 18-22 AWG Wire
0190030040 MOLEX4-0190030040 Datasheet
223Kb / 3P
   InsulKrimp??Female Quick Disconnect for 14-16 AWG Wire
0190030051 MOLEX4-0190030051 Datasheet
222Kb / 3P
   InsulKrimp??Female Quick Disconnect for 14-16 AWG Wire
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com