Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0190730072 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0190730072
Description  Avikrimp??Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 8, Length
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190730072 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0190730072 Datasheet HTML 1Page - Molex Electronics Ltd. 0190730072 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0190730072

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190730070 MOLEX4-0190730070 Datasheet
105Kb / 3P
   Avikrimp??Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 6, Length20.32mm (.770"), Mylar Tape Carrier
0190730073 MOLEX4-0190730073 Datasheet
105Kb / 3P
   Avikrimp??Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 8, Length20.32mm (.770"), Mylar Tape Carrier
0190730074 MOLEX4-0190730074 Datasheet
105Kb / 2P
   Avikrimp??Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 10, Length27.36m (1.077")
0190730076 MOLEX4-0190730076 Datasheet
105Kb / 2P
   Avikrimp??Ring Tongue Terminal for 14 to 16 AWG Wire
0190730077 MOLEX4-0190730077 Datasheet
105Kb / 3P
   Avikrimp??Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 1/4", Length27.36m (1.077"), Mylar Tape Carrier
More results

Similar Description - 0190730072

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190730097 MOLEX4-0190730097 Datasheet
99Kb / 2P
   Avikrimp??Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 10, Length
0190730085 MOLEX4-0190730085 Datasheet
100Kb / 2P
   Avikrimp??Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 8, Length 22.48m(.885")
0190770017 MOLEX4-0190770017 Datasheet
107Kb / 2P
   Avikrimp??Star Ring Tongue Terminal 14-16 AWG Wire, Stud Size 8
0190730061 MOLEX4-0190730061 Datasheet
105Kb / 2P
   Avikrimp??Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 5/16
0190730094 MOLEX4-0190730094 Datasheet
99Kb / 2P
   Avikrimp??Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 8, Length23.77mm (.936")
0190770023 MOLEX4-0190770023 Datasheet
111Kb / 2P
   Avikrimp??Steel Star Ring Tongue Terminal 14-16 AWG Wire, Stud Size 8
0190730083 MOLEX4-0190730083 Datasheet
100Kb / 2P
   Avikrimp??Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 6, Length 22.48m.885")
0190770015 MOLEX4-0190770015 Datasheet
107Kb / 2P
   Avikrimp??Star Ring Tongue Terminal 14-16 AWG Wire, Stud Size 6
0190770019 MOLEX4-0190770019 Datasheet
107Kb / 2P
   Avikrimp??Star Ring Tongue Terminal 14-16 AWG Wire, Stud Size 10
0190770018 MOLEX4-0190770018 Datasheet
108Kb / 3P
   Avikrimp??Star Ring Tongue Terminal 14-16 AWG Wire, Stud Size 8, Mylar Tape
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com