Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-336-06 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # C-336-06
Description  VersaKrimp??Ring Tongue Terminal for 10-12 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

C-336-06 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  C-336-06 Datasheet HTML 1Page - Molex Electronics Ltd. C-336-06 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191930128
Status:
Active
Description:
VersaKrimp™ Ring Tongue Terminal for 10-12 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19193
Comments
Type I Noninsulated; Class 2
Crimp Quality Equipment
Yes
Mil-Spec
AS20659-165, MS20659-165
MolexKits
Yes
Product Name
VersaKrimp™
Type
Ring
Physical
Barrel Type
Closed - Brazed
Insulation
None
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Stud Size
5-6 (M3-3.5)
Wire Size AWG
10, 12
Wire Size mm²
3.00 - 5.40
Material Info
Old Part Number
C-336-06
Reference - Drawing Numbers
Sales Drawing
SD-19193-025
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19193Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640030100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640070100
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - C-336-06

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
C-336-08 MOLEX4-C-336-08 Datasheet
84Kb / 2P
   VersaKrimp??Ring Tongue Terminal for 10-12 AWG Wire
More results

Similar Description - C-336-06

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191930094 MOLEX4-0191930094 Datasheet
87Kb / 2P
   VersaKrimp??Ring Tongue Terminal for 10-12 AWG Wire
0191930106 MOLEX4-0191930106 Datasheet
87Kb / 2P
   VersaKrimp??Ring Tongue Terminal for 10-12 AWG Wire
0191930134 MOLEX4-0191930134 Datasheet
87Kb / 2P
   VersaKrimp??Ring Tongue Terminal for 10-12 AWG Wire
0191930120 MOLEX4-0191930120 Datasheet
85Kb / 2P
   VersaKrimp??Ring Tongue Terminal for 10-12 AWG Wire
0191930103 MOLEX4-0191930103 Datasheet
87Kb / 2P
   VersaKrimp??Ring Tongue Terminal for 10-12 AWG Wire
0191930141 MOLEX4-0191930141 Datasheet
87Kb / 2P
   VersaKrimp??Ring Tongue Terminal for 10-12 AWG Wire
0191930109 MOLEX4-0191930109 Datasheet
87Kb / 2P
   VersaKrimp??Ring Tongue Terminal for 10-12 AWG Wire
0191930097 MOLEX4-0191930097 Datasheet
87Kb / 2P
   VersaKrimp??Ring Tongue Terminal for 10-12 AWG Wire
0191930130 MOLEX4-0191930130 Datasheet
84Kb / 2P
   VersaKrimp??Ring Tongue Terminal for 10-12 AWG Wire
0191930116 MOLEX4-0191930116 Datasheet
85Kb / 2P
   VersaKrimp??Ring Tongue Terminal for 10-12 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com