Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

31408-1200 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 31408-1200
Description  USCAR 2.54mm (.100?? Pitch Receptacle, 20 Circuits, Polarization A, Black
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

31408-1200 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  31408-1200 Datasheet HTML 1Page - Molex Electronics Ltd. 31408-1200 Datasheet HTML 2Page - Molex Electronics Ltd. 31408-1200 Datasheet HTML 3Page - Molex Electronics Ltd. 31408-1200 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 31408-1200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
31408-1201 MOLEX4-31408-1201 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle, 20 Circuits, Polarization B, Gray
31408-1202 MOLEX4-31408-1202 Datasheet
434Kb / 4P
   USCAR 2.54mm
More results

Similar Description - 31408-1200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0314081080 MOLEX4-0314081080 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle, 8 Circuits, Polarization A, Black
0314081201 MOLEX4-0314081201 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle, 20 Circuits, Polarization B, Gray
0314081082 MOLEX4-0314081082 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle, 8 Circuits, Polarization C, Brown
0314081162 MOLEX4-0314081162 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle, 16 Circuits, Polarization C, Brown
0314081081 MOLEX4-0314081081 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle, 8 Circuits, Polarization B, Gray
0314081121 MOLEX4-0314081121 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle, 12 Circuits, Polarization B, Gray
0314081122 MOLEX4-0314081122 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle, 12 Circuits, Polarization C, Brown
0314081160 MOLEX4-0314081160 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle
0314081161 MOLEX4-0314081161 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle
0358114011 MOLEX5-0358114011 Datasheet
138Kb / 2P
   2.54mm (.100") Pitch IDT Receptacle, with Polarization, 40 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com