Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25001-0803 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 25001-0803
Description  2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper - 26 AWG, StrandedTopcoat, 8 Circuits, Strip and Retain, 0.076m (3.00") Length
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

25001-0803 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  25001-0803 Datasheet HTML 1Page - Molex Electronics Ltd. 25001-0803 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 25001-0803

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
25001-0802 MOLEX4-25001-0802 Datasheet
168Kb / 2P
   2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper - 26 AWG, StrandedTopcoat, 8 Circuits, Strip and Retain, 0.051m (2.00") Length
25001-0804 MOLEX4-25001-0804 Datasheet
168Kb / 2P
   2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper - 26 AWG, StrandedTopcoat, 8 Circuits, Strip and Retain, 0.102m (4.00") Length
25001-0805 MOLEX4-25001-0805 Datasheet
168Kb / 2P
   2.54mm (.100
25001-0806 MOLEX4-25001-0806 Datasheet
168Kb / 2P
   2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper - 26 AWG, StrandedTopcoat, 8 Circuits, Strip and Retain, 0.152m (6.00") Length
25001-0807 MOLEX4-25001-0807 Datasheet
168Kb / 2P
   2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper - 26 AWG, StrandedTopcoat, 8 Circuits, Strip and Retain, 0.178m (7.00") Length
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com