Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

190730201 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 190730201
Description  Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 5/16
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

190730201 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  190730201 Datasheet HTML 1Page - Molex Electronics Ltd. 190730201 Datasheet HTML 2Page - Molex Electronics Ltd. 190730201 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 190730201

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
190730200 MOLEX4-190730200 Datasheet
105Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 5/16", Length31.95mm (1.258")
More results

Similar Description - 190730201

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190730200 MOLEX4-0190730200 Datasheet
105Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 5/16", Length31.95mm (1.258")
0190730061 MOLEX4-0190730061 Datasheet
105Kb / 2P
   Avikrimp??Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 5/16
0190730147 MOLEX4-0190730147 Datasheet
73Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 1/2
0190730097 MOLEX4-0190730097 Datasheet
99Kb / 2P
   Avikrimp??Ring Tongue Terminal for 14 to 16 AWG Wire, Stud Size 10, Length
0190730180 MOLEX4-0190730180 Datasheet
106Kb / 3P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 10, Length31.95mm (1.258
0190730202 MOLEX4-0190730202 Datasheet
73Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 5/16", ExpandedFlare, Length 31.95mm (1.258")
0190730148 MOLEX4-0190730148 Datasheet
100Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 1/4", LengthAvikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 1/4", Length
0190730244 MOLEX4-0190730244 Datasheet
73Kb / 2P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 5/16", ExpandedFlare, Length 34.59mm (1.362")
0190770019 MOLEX4-0190770019 Datasheet
107Kb / 2P
   Avikrimp??Star Ring Tongue Terminal 14-16 AWG Wire, Stud Size 10
0190730218 MOLEX4-0190730218 Datasheet
106Kb / 3P
   Avikrimp??Ring Tongue Terminal for 10 to 12 AWG Wire, Stud Size 6, Length26.59mm (1.047
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com