Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0197244000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0197244000
Description  Krimptite??Snap Plug for 14-18 AWG Wire, Open Barrel Strip, Unplated, Fits Diameter3.96mm (.156")
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0197244000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0197244000 Datasheet HTML 1Page - Molex Electronics Ltd. 0197244000 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0197244000
Status:
Active
Description:
Krimptite™ Snap Plug for 14-18 AWG Wire, Open Barrel Strip, Unplated, Fits Diameter
3.96mm (.156")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Quick Disconnects
Series
19724
Comments
Open Barrel
Crimp Quality Equipment
Yes
Product Name
Krimptite™
Type
Snap Plug
Physical
Barrel Type
Open
Gender
Male
Glow-Wire Compliant
No
Insulation
None
Lock to Mating Part
None
Material - Metal
Brass
Orientation
Straight
Packaging Type
Reel
Tab Thickness
N/A
Tab Width
N/A
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
N/A
Wire Size AWG
14, 16, 18
Wire Size mm²
0.96 - 2.60
Electrical
Voltage - Maximum
N/A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-19724-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19724Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Rear Fead Mini-
Mac Applicator for
Krimptite™ Snap
Male Plug Terminals,
14-18 AWG
0638026900
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0197244000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0197244002 MOLEX4-0197244002 Datasheet
80Kb / 2P
   Krimptite??Snap Plug for 14- 18 AWG Wire, Plated, Fits Diameter 3.96mm (.156")
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com