Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5363-0460 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5363-0460
Description  2.00mm (.079") Pitch Sherlock??Wire-to-Board Header, Right Angle, with PositiveLock, 4 Circuits, Lead-free
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

5363-0460 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5363-0460 Datasheet HTML 1Page - Molex Electronics Ltd. 5363-0460 Datasheet HTML 2Page - Molex Electronics Ltd. 5363-0460 Datasheet HTML 3Page - Molex Electronics Ltd. 5363-0460 Datasheet HTML 4Page - Molex Electronics Ltd. 5363-0460 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0353630460
Status:
Active
Overview:
sherlock
Description:
2.00mm (.079") Pitch Sherlock™ Wire-to-Board Header, Right Angle, with Positive
Lock, 4 Circuits, Lead-free
Documents:
3D Model
Product Specification PS-35507-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
35363
Application
Wire-to-Board
MolexKits
Yes
Overview
sherlock
Product Name
Sherlock™
Physical
Breakaway
No
Circuits (Loaded)
4
Circuits (maximum)
4
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.126 In
PC Tail Length (mm)
3.20 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
125V
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35363Series
Mates With
35507 Sherlock™ Wire-to-Board Housing


Similar Part No. - 5363-0460

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5363/1C ALPHAWIRE-5363/1C Datasheet
99Kb / 5P
   Customer SpecificationS
12/12/2022
logo
Festo Corporation.
536300 FESTO-536300 Datasheet
87Kb / 1P
   Compact air cylinder
536301 FESTO-536301 Datasheet
88Kb / 1P
   Compact air cylinder
536302 FESTO-536302 Datasheet
88Kb / 1P
   Compact air cylinder
536303 FESTO-536303 Datasheet
88Kb / 1P
   Compact air cylinder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com