Selected language     English  ā–¼


N-04-18-0-C-LC Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. N-04-18-0-C-LC
Description  101.60mm (4.000") UV Black Cable Tie, 18 Pound Tensile Strength, 100/Bag
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX4 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

   
 1 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192520131
Status:
Active
Overview:
wire_management_products
Description:
101.60mm (4.000") UV Black Cable Tie, 18 Pound Tensile Strength, 100/Bag
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Accessories
Series
19252
Application Tooling Part Link
192940002
Comments
Engineering Number N-04-18-0-C-LC
Component Type
Cable Tie
Overview
wire_management_products
Product Name
N/A
Physical
Circuits (Loaded)
N/A
Lock to Mating Part
None
Packaging Type
Bag
Temperature Range - Operating
105Ā°C
Material Info
Old Part Number
N-04-18-0-C-LC
Reference - Drawing Numbers
Sales Drawing
SD-19252-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19252Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
ServiceGradeā„¢
Economy Cable Tie
Tool
0192940002
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl