Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BBZ-4171 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # BBZ-4171
Description  VibraKrimp??Quick Disconnect Flag, Female, for 16-14 AWG Wire, Metal Strip Carrier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

BBZ-4171 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  BBZ-4171 Datasheet HTML 1Page - Molex Electronics Ltd. BBZ-4171 Datasheet HTML 2Page - Molex Electronics Ltd. BBZ-4171 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190090017
Status:
Active
Description:
VibraKrimp™ Quick Disconnect Flag, Female, for 16-14 AWG Wire, Metal Strip Carrier
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19009
Comments
Wire Grip
Crimp Quality Equipment
Yes
Product Name
VibraKrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Gender
Female
Glow-Wire Compliant
No
Insulation
None
Lock to Mating Part
None
Material - Metal
Brass
Orientation
Flag
Packaging Type
Reel
Polarized to Mating Part
No
Tab Thickness
0.51mm (.020")
Tab Width
4.75mm (.187")
Temperature Range - Operating
Per Wire Specification
Wire Insulation Diameter
3.68mm (.145")
Wire Size AWG
14, 16
Wire Size mm²
1.30 - 2.00
Electrical
Voltage - Maximum
Per Wire Specification
Material Info
Old Part Number
BBZ-4171
Reference - Drawing Numbers
Sales Drawing
CDFGS187
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19009Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Rear Feed Applicator
for VibraKrimp™
Quick Disconnect
Female Flag
Terminals, 14-16
AWG.
0638027700
ASP Perishable
Tool Kit used in ASP
presses that process
metal strip product
0190290152
This document was generated on 04/13/2010


Similar Part No. - BBZ-4171

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
BBZ-4171-032 MOLEX4-BBZ-4171-032 Datasheet
73Kb / 3P
   VibraKrimp??Quick Disconnect Flag, Female, for 14-16 AWG Wire, Metal Strip Carrier
More results

Similar Description - BBZ-4171

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190090016 MOLEX4-0190090016 Datasheet
73Kb / 3P
   VibraKrimp??Quick Disconnect Flag, Female, for 14-16 AWG Wire, Metal Strip Carrier
0190090018 MOLEX4-0190090018 Datasheet
73Kb / 3P
   VibraKrimp??Quick Disconnect Flag, Female, for 14-16 AWG Wire, Metal Strip Carrier
0190090008 MOLEX4-0190090008 Datasheet
73Kb / 3P
   VibraKrimp??Quick Disconnect Flag, Female, for 18-22 AWG Wire, Metal Strip Carrier
0190090007 MOLEX4-0190090007 Datasheet
73Kb / 3P
   VibraKrimp??Quick Disconnect Flag, Female, for 18-22 AWG Wire, Metal Strip Carrier
0190090010 MOLEX4-0190090010 Datasheet
72Kb / 2P
   VibraKrimp??Quick Disconnect Flag, Female, for 14-16 AWG Wire
0190090009 MOLEX4-0190090009 Datasheet
73Kb / 3P
   VibraKrimp??Quick Disconnect Flag, Female, for 18-22 AWG Wire, Metal Strip Carrier
0190090014 MOLEX4-0190090014 Datasheet
72Kb / 2P
   VibraKrimp??Quick Disconnect Flag, Female, for 14-16 AWG Wire, Mylar Tape Carrier
0190090013 MOLEX4-0190090013 Datasheet
72Kb / 2P
   VibraKrimp??Quick Disconnect Flag, Female, for 14-16 AWG Wire
0190090012 MOLEX4-0190090012 Datasheet
72Kb / 2P
   VibraKrimp??Quick Disconnect Flag, Female, for 14-16 AWG Wire
0190090011 MOLEX4-0190090011 Datasheet
72Kb / 2P
   VibraKrimp??Quick Disconnect Flag, Female, for 14-16 AWG Wire, Mylar Tape Carrier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com