Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0304531900 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0304531900
Description  2.00mm (.079") Pitch Cable Holder, Vertical, for Ribbon Cable, with Polarization, 19Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0304531900 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0304531900 Datasheet HTML 1Page - Molex Electronics Ltd. 0304531900 Datasheet HTML 2Page - Molex Electronics Ltd. 0304531900 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0304531900
Status:
Active
Description:
2.00mm (.079") Pitch Cable Holder, Vertical, for Ribbon Cable, with Polarization, 19
Circuits
Documents:
3D Model
Product Specification PS-30453-0000 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Ribbon Cable / Wire Trap Connectors
Series
30453
Component Type
One Piece
Glow-Wire Compliant
No
Product Name
Board-In, Cable Holder
Physical
Circuits (Loaded)
19
Color - Resin
Natural
Entry Angle
Vertical
Lock to Mating Part
None
Material - Resin
Polyester
Number of Rows
1
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Polarized to Mating Part
N/A
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Wire Insulation Diameter
1.20mm (.047") max.
Wire Size AWG
26
Wire/Cable Type
Ribbon Cable
Electrical
Current - Maximum per Contact
2.25A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Product Specification
PS-30453-0000
Sales Drawing
SD-30453-****
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
30453Series
Mates With
N/A
Use With
Topcoated or solid wire ribbon cable
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0304531900

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0304531000 MOLEX4-0304531000 Datasheet
214Kb / 3P
   2.00mm (.079") Pitch Cable Holder, Vertical, for Ribbon Cable, with Polarization, 10
0304531100 MOLEX4-0304531100 Datasheet
214Kb / 3P
   2.00mm (.079") Pitch Cable Holder, Vertical, for Ribbon Cable, with Polarization, 11Circuits
0304531200 MOLEX4-0304531200 Datasheet
214Kb / 3P
   2.00mm (.079") Pitch Cable Holder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com