Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

192120004 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 192120004
Description  InsulKrimp??Wire Pin Terminal for 22-18 AWG Wire, Mylar Tape Carrier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

192120004 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  192120004 Datasheet HTML 1Page - Molex Electronics Ltd. 192120004 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0192120004
Status:
Active
Overview:
wire_pins
Description:
InsulKrimp™ Wire Pin Terminal for 22-18 AWG Wire, Mylar Tape Carrier
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Crimp Terminals
Series
19212
Comments
Pin Length 9.40mm (.370")
Crimp Quality Equipment
Yes
Overview
wire_pins
Product Name
Wire Pin
Physical
Flammability
94V-2
Gender
Male
Material - Metal
Copper
Material - Plating Mating
Tin
Packaging Type
Adhesive Tape on Reel
Plating min: Mating (µin)
39
Plating min: Mating (µm)
1.00
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
3.68mm (.145") max.
Wire Size AWG
18, 19, 20, 22
Wire Size mm²
N/A
Material Info
Old Part Number
WP-2218XT
Reference - Drawing Numbers
Sales Drawing
SD-19212-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19212Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Crimp Dies for
MTA-100 Tape
Applicator used in
3BF Press, MTA-105
Tape Applicator used
in TM-2000™ Press,
and ATP-301 Air
Crimping Press for
Mylar Tape Mounted
Terminals
0192880023
Mini-Mac™
Applicator
0638851300
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 192120004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
192120001 MOLEX4-192120001 Datasheet
105Kb / 2P
   InsulKrimp??Wire Pin Terminal for 12-10 AWG Wire
192120003 MOLEX4-192120003 Datasheet
102Kb / 2P
   InsulKrimp??Wire Pin Terminal for 22-18 AWG Wire
192120006 MOLEX4-192120006 Datasheet
101Kb / 2P
   InsulKrimp??Wire Pin Terminal for 16-14 AWG Wire, Mylar Tape Carrier
More results

Similar Description - 192120004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0192110004 MOLEX4-0192110004 Datasheet
104Kb / 2P
   Krimptite??Wire Pin Terminal for 22-18 AWG Wire, Mylar Tape Carrier
0192130010 MOLEX4-0192130010 Datasheet
113Kb / 3P
   Avikrimp??Wire Pin Terminal for 22-18 AWG Wire, Mylar Tape Carrier
0192120006 MOLEX4-0192120006 Datasheet
101Kb / 2P
   InsulKrimp??Wire Pin Terminal for 16-14 AWG Wire, Mylar Tape Carrier
0192120003 MOLEX4-0192120003 Datasheet
102Kb / 2P
   InsulKrimp??Wire Pin Terminal for 22-18 AWG Wire
0190990014 MOLEX4-0190990014 Datasheet
63Kb / 3P
   InsulKrimp??Snap Spade for 18-22 AWG Wire, Stud Size 8, Mylar Tape Carrier
0191210010 MOLEX4-0191210010 Datasheet
129Kb / 3P
   InsulKrimp??Flanged Spade Tongue Terminal for 18-22 AWG Wire, Stud Size 10,Mylar Tape Carrier
0190990016 MOLEX4-0190990016 Datasheet
63Kb / 3P
   InsulKrimp??Snap Spade for 18-22 AWG Wire, Stud Size 10, Mylar Tape Carrier
0192110002 MOLEX4-0192110002 Datasheet
104Kb / 2P
   Krimptite??Wire Pin Terminal for 12-10 AWG Wire, Mylar Tape Carrier
0192110006 MOLEX4-0192110006 Datasheet
104Kb / 2P
   Krimptite??Wire Pin Terminal for 16-14 AWG Wire, Mylar Tape Carrier
0192130008 MOLEX4-0192130008 Datasheet
113Kb / 3P
   Avikrimp??Wire Pin Terminal for 12-10 AWG Wire, Mylar Tape Carrier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com