Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0190710155 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0190710155
Description  InsulKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 5/16", Length 36.25mm(1.427"), Mylar Tape Carrier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0190710155 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0190710155 Datasheet HTML 1Page - Molex Electronics Ltd. 0190710155 Datasheet HTML 2Page - Molex Electronics Ltd. 0190710155 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190710155
Status:
Active
Description:
InsulKrimp™ Ring Tongue Terminal for 8 AWG Wire, Stud Size 5/16", Length 36.25mm
(1.427"), Mylar Tape Carrier
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-19902-009 (PDF)
General
Product Family
Ring and Spade Terminals
Series
19071
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
InsulKrimp™
Type
Ring
Physical
Barrel Type
Closed - Brazed
Color - Resin
Natural
Insulation
PVC
Material - Plating Mating
Tin
Packaging Type
Adhesive Tape on Reel
Stud Size
5/16" (M8)
Wire Insulation Diameter
9.78mm (.385")
Wire Size AWG
8
Wire Size mm²
6.60 - 10.5
Electrical
Voltage - Maximum
300V
Material Info
Old Part Number
D-651-56XT
Reference - Drawing Numbers
Product Specification
PS-19902-009
Sales Drawing
SD-19071-002
Series image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19071Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Crimp Dies for the
ATP-201™ Air
Crimping Press for
Mylar Tape Mounted
Terminals designed
for large wire guages
0190472030
Crimp Dies for the
ATP-201™ Air
Crimping Press for
Mylar Tape Mounted
Terminals
0190472060
This document was generated on 03/18/2010


Similar Part No. - 0190710155

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190710150 MOLEX4-0190710150 Datasheet
171Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire
0190710152 MOLEX4-0190710152 Datasheet
172Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire
0190710153 MOLEX4-0190710153 Datasheet
172Kb / 2P
   InsulKrimp??Ring Tongue Terminal for 8 AWG Wire
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com