Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

351800404 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 351800404
Description  1.78mm (.070") Tab Multiple Wire-to-Wire Male Housing With Ear, 4 Circuits, VerticalPolyester UL94V-0, Blue
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

351800404 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  351800404 Datasheet HTML 1Page - Molex Electronics Ltd. 351800404 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0351800404
Status:
Active
Description:
1.78mm (.070") Tab Multiple Wire-to-Wire Male Housing With Ear, 4 Circuits, Vertical,
Polyester UL94V-0, Blue
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-35180-002 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
35180
Comments
Polarized to Mating Part
Product Name
N/A
Physical
Breakaway
No
Circuits (maximum)
4
Color - Resin
Blue
Flammability
94V-0
Gender
Male
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyester
Number of Rows
2
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface (in)
0.315 In, 0.343 In
Pitch - Mating Interface (mm)
8.00 mm, 8.70 mm
Stackable
No
Temperature Range - Operating
-40°C to +120°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-35180-002
Sales Drawing
SD-35180-040*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35180Series
Mates With
Use With
35745 Crimp Terminal, 35746 Crimp
Terminal, 35747 Crimp Terminal, 35748
Crimp Terminal
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 351800404

ManufacturerPart #DatasheetDescription
logo
Lumberg
351800 LUMBERG-351800 Datasheet
402Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
35180002 LUMBERG-35180002 Datasheet
402Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
35180003 LUMBERG-35180003 Datasheet
402Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
35180004 LUMBERG-35180004 Datasheet
402Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
35180005 LUMBERG-35180005 Datasheet
402Kb / 4P
   RAST 2.5 connectors, pitch 2.5/5.0 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com