Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB-8717-10 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # BB-8717-10
Description  Avikrimp??Snap Spade Terminal for 14-16 AWG Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

BB-8717-10 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  BB-8717-10 Datasheet HTML 1Page - Molex Electronics Ltd. BB-8717-10 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191150031
Status:
Active
Description:
Avikrimp™ Snap Spade Terminal for 14-16 AWG Wire
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E32244
General
Product Family
Ring and Spade Terminals
Series
19115
Crimp Quality Equipment
Yes
Mil-Spec
N/A
Product Name
Avikrimp™
Type
Spade Snap
Physical
Barrel Type
Closed
Flammability
94V-0
Insulation
Nylon (PA)
Material - Plating Mating
Tin
Packaging Type
Bag
Plating min: Mating (µin)
160
Plating min: Mating (µm)
4
Plating min: Termination (µin)
160
Plating min: Termination (µm)
4
Stud Size
10 (M5)
Wire Insulation Diameter
4.30mm (.170") max.
Wire Size AWG
14, 16
Material Info
Old Part Number
BB-8717-10
Reference - Drawing Numbers
Sales Drawing
BBCD80503
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19115Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640010100
Hand Crimp Tool
0640011400
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640050100
Crimp Head for the
AT-200™ Pneumatic
Hand Tool
0640051400
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - BB-8717-10

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
BB-8716-08 MOLEX4-BB-8716-08 Datasheet
64Kb / 2P
   Avikrimp??Snap Spade Terminal for 14-16 AWG Wire
More results

Similar Description - BB-8717-10

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191150079 MOLEX4-0191150079 Datasheet
64Kb / 2P
   Avikrimp??Snap Spade Terminal for 14-16 AWG Wire
0191150024 MOLEX4-0191150024 Datasheet
69Kb / 2P
   Avikrimp??Snap Spade Terminal for 14-16 AWG Wire
0191150022 MOLEX4-0191150022 Datasheet
69Kb / 2P
   Avikrimp??Snap Spade Terminal for 14-16 AWG Wire
0191980012 MOLEX4-0191980012 Datasheet
144Kb / 3P
   Avikrimp??Spade Tongue Terminal for 14-16 AWG Wire
0191980025 MOLEX4-0191980025 Datasheet
115Kb / 2P
   Avikrimp??Spade Tongue Terminal for 14-16 AWG Wire
0191980019 MOLEX4-0191980019 Datasheet
115Kb / 2P
   Avikrimp??Spade Tongue Terminal for 14-16 AWG Wire
0191980016 MOLEX4-0191980016 Datasheet
115Kb / 2P
   Avikrimp??Spade Tongue Terminal for 14-16 AWG Wire
0191980013 MOLEX4-0191980013 Datasheet
115Kb / 3P
   Avikrimp??Spade Tongue Terminal for 16-14 AWG Wire
0190990032 MOLEX4-0190990032 Datasheet
64Kb / 3P
   InsulKrimp??Snap Spade Terminal for 14-16 AWG Wire
0190990025 MOLEX4-0190990025 Datasheet
70Kb / 3P
   InsulKrimp??Snap Spade Terminal for 14-16 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com