Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0191640075 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0191640075
Description  Perma-Seal??Male Quick Disconnect Tab for 10-12 AWG Wire, Tab Size 6.35mm(.250") x .81mm (.032")
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0191640075 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0191640075 Datasheet HTML 1Page - Molex Electronics Ltd. 0191640075 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0191640075
Status:
Active
Description:
Perma-Seal™ Male Quick Disconnect Tab for 10-12 AWG Wire, Tab Size 6.35mm
(.250") x .81mm (.032")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19164
Crimp Quality Equipment
Yes
Product Name
Perma-Seal™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Flammability
94V-0
Gender
Male
Glow-Wire Compliant
No
Insulation
NiAc™
Lock to Mating Part
None
Material - Metal
Brass
Orientation
Straight
Packaging Type
Bag
Tab Thickness
0.81mm (.032")
Tab Width
6.35mm (.250")
Temperature Range - Operating
-55°C to +125°C
Wire Insulation Diameter
5.84mm (.230") max.
Wire Size AWG
10, 12
Wire Size mm²
4.00 - 6.00
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
SC-9280
Reference - Drawing Numbers
Sales Drawing
SD-19164-039
Series image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19164Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Hand Crimp Tool
0640016100
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0191640075

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191640070 MOLEX4-0191640070 Datasheet
82Kb / 2P
   Perma-Seal??Spade Tongue Terminal for 10-12 AWG Wire, Stud Size 8
0191640074 MOLEX4-0191640074 Datasheet
129Kb / 3P
   Perma-Seal??3-Way Connector Assembly for 10-12 AWG Wire
0191640076 MOLEX4-0191640076 Datasheet
113Kb / 2P
   Perma-Seal??Female Quick Disconnect Receptacle for 10-12 AWG Wire, Tab Size6.35mm (.250") x .081mm (.032")
0191640077 MOLEX4-0191640077 Datasheet
83Kb / 2P
   Perma-Seal??Step Down Butt Splice from 10-12 AWG to 14-16 AWG
0191640079 MOLEX4-0191640079 Datasheet
106Kb / 2P
   Perma-Seal??Butt Splice for 8 AWG Wire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com