Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

351500414 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 351500414
Description  6.20mm (.244") Pitch Wire-to-Wire VersaBlade??Hybrid Plug Housing, with MountingEars, 4 Circuits, Polyester UL94V-0, Blue
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

351500414 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  351500414 Datasheet HTML 1Page - Molex Electronics Ltd. 351500414 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0351500414
Status:
Active
Overview:
versablade
Description:
6.20mm (.244") Pitch Wire-to-Wire VersaBlade™ Hybrid Plug Housing, with Mounting
Ears, 4 Circuits, Polyester UL94V-0, Blue
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
TUV
R72090206
UL
E29179
General
Product Family
Crimp Housings
Series
35150
Comments
Polarized to Mating Part, Positive Lock
Overview
versablade
Product Name
VersaBlade™
Physical
Circuits (maximum)
4
Color - Resin
Blue
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Resin
Polyester
Number of Rows
2
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface (in)
0.287 In
Pitch - Mating Interface (mm)
7.30 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +120°C
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-35150-0410
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
35150Series
Mates With
35151-041* Plug Housings
Use With
VersaBlade™ Crimp Terminals, 35745 ,
35747 , 35746 , 35748 . 351500290 TPA™
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 351500414

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
351500412 MOLEX4-351500412 Datasheet
120Kb / 2P
   6.20mm (.244") Pitch Wire-to-Wire VersaBlade??Hybrid Plug Housing, with MountingEars, 4 Circuits, Polyester UL94V-0, Red
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com