Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0191930155 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0191930155
Description  VersaKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 1/4", Mylar TapeCarrier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

0191930155 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0191930155 Datasheet HTML 1Page - Molex Electronics Ltd. 0191930155 Datasheet HTML 2Page - Molex Electronics Ltd. 0191930155 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Mylar Tape Mounted
Terminals
ATP Tooling Kit
for ATP-100 and
ATP-300 Series Air
Crimping Press for
Mylar Tape Mounted
Terminals
0190270120
Crimp Dies for the
ATP-201™ Air
Crimping Press for
Mylar Tape Mounted
Terminals
0190472000
This document was generated on 04/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0191930155

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0191930151 MOLEX4-0191930151 Datasheet
90Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 10, Mylar TapeCarrier
0191930152 MOLEX4-0191930152 Datasheet
90Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 1/4"||" "366488
Flag Avikrimp??Quick Disconnect
0191930157 MOLEX4-0191930157 Datasheet
141Kb / 4P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 5/16"||" "367275
Avikrimp??Snap Plug, for 18-22 AWG Wire, Mylar Tap
0191930158 MOLEX4-0191930158 Datasheet
141Kb / 4P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire, Stud Size 5/16", Mylar TapeCarrier
0191930159 MOLEX4-0191930159 Datasheet
86Kb / 3P
   VersaKrimp??Ring Tongue Terminal for 8 AWG Wire
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com