Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

192210397 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 192210397
Description  Compression Style Ring Tongue Terminal for 2/0 AWG Wire, Stud Size 1/2", Un-Plated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX4 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX4 - Molex Electronics Ltd.

192210397 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  192210397 Datasheet HTML 1Page - Molex Electronics Ltd. 192210397 Datasheet HTML 2Page - Molex Electronics Ltd. 192210397 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 192210397

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
192210393 MOLEX4-192210393 Datasheet
244Kb / 2P
   Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/2
192210393 MOLEX-192210393 Datasheet
619Kb / 1P
   SW1 8.00MM R-L 1M 1/0AWG BK
2023/11/27
192210393 MOLEX-192210393 Datasheet
621Kb / 1P
   SW1 8.00MM R-L 1M 1/0AWG RD
2023/11/27
192210394 MOLEX4-192210394 Datasheet
246Kb / 3P
   Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 5/16", Un-Plated
192210395 MOLEX4-192210395 Datasheet
179Kb / 3P
   Compression Style Ring Tongue Terminal for 1 AWG Wire, Stud Size 1/2", Un-PlatedWide Pad
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com